Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2961 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2961
Description  STEVAL-ILL026V1 non-isolated 3 W offline LED driver based on the VIPER22A-E
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2961 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2961 Datasheet HTML 1Page - STMicroelectronics AN2961 Datasheet HTML 2Page - STMicroelectronics AN2961 Datasheet HTML 3Page - STMicroelectronics AN2961 Datasheet HTML 4Page - STMicroelectronics AN2961 Datasheet HTML 5Page - STMicroelectronics AN2961 Datasheet HTML 6Page - STMicroelectronics AN2961 Datasheet HTML 7Page - STMicroelectronics AN2961 Datasheet HTML 8Page - STMicroelectronics AN2961 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN2961
Bill of material
Doc ID 15559 Rev 1
5/14
2
Bill of material
Table 2.
STEVAL-ILL026V1 bill of material
Type
Name
Value
Rated
Description
C
C1
22 µF
50 V
Electrolytic
C
C3
2.2 µF
450 V
Electrolytic
C
C4
470 nF
50 V
Ceramic
C
C5
22 µF
50 V
Electrolytic
C
C6
470 nF
50 V
Ceramic
C
C7
470 nF
400 VDC
Polyester EPCOS
B32561J6474K
C
C8
Do not fit
Do not fit
Do not fit
D
D1
39 V
Zener diode
D
D2
STTH1R06A
600 V
STMicroelectronics
D
D3
Bridge
600 V 500 mA
Rectifier bridge
D
D4
STTH1R06A
600 V
STMicroelectronics
L
L1
1 mH
EPCOS B7818S1105J000
L
L2
1 mH
Coilcraft MSS1260-105KLB
Q
Q1
BC557B
PNP transistor
Q
Q2
BC547B
NPN transistor
R
R1
4.7 k
Ω
SMD resistor 0805
R
R2
4.7 k
Ω
SMD resistor 0805
RR3
10 k
Ω
SMD resistor 0805
RR4
10 k
Ω
SMD resistor 0805
RR5
1.3
Ω
SMD resistor 1206
R
R6
6.8 k
Ω
SMD resistor 0805
R
R7
10
Ω
1/2 W
Through hole resistor
U
IC1
VIPER22A-E
STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com