Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2982 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2982
Description  This application note describes the STEVAL-ILB005V2 demonstration board equipped with the L6585DE lighting controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2982 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2982 Datasheet HTML 9Page - STMicroelectronics AN2982 Datasheet HTML 10Page - STMicroelectronics AN2982 Datasheet HTML 11Page - STMicroelectronics AN2982 Datasheet HTML 12Page - STMicroelectronics AN2982 Datasheet HTML 13Page - STMicroelectronics AN2982 Datasheet HTML 14Page - STMicroelectronics AN2982 Datasheet HTML 15Page - STMicroelectronics AN2982 Datasheet HTML 16Page - STMicroelectronics AN2982 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
AN2982
Designing the application
Doc ID 15599 Rev 1
13/31
1.2.8
Input rectifier
A 2KBP06M bridge rectifier is able to sustain 600 V in reverse condition and 2 A of forward
current. Its maximum power dissipation is equal to:
Equation 29
1.2.9
Input capacitor
Let r = 10% be the maximum allowed ratio between the high-frequency ripple amplitude
seen at the input of the PFC stage and the mean value of the input current:
Equation 30
1.2.10
Input circuitry
The input circuitry is composed of:
–
A fuse: avoids damage due to ballast breaking or excessive current from the
mains
–
An NTC: limits the inrush current which avoids blowing the fuse and reduces the
effects of a burst from the mains. This component reduces its resistance at a
higher temperature. A 5
Ω NTC (at 25 °C) is used
–
A varistor (not present): absorbs the energy associated with a mains surge
avoiding that Vout increases over the rated voltage of the components (Cout,
MOSFETs, IC,…)
–
An EMI filter: an LC network able to reduce the HF noise coming from the
application and traveling through the mains. This filter has to filter both the
common mode component of the noise (which can be measured between the AC
input and the EARTH) and the differential mode component of the noise (which
can be measured between the two AC inputs)
The first component (the fuse) is filtered by a CM filter (a current transformer that forces the
AC input currents to travel in the opposite way) and two 1 nF capacitor placed between each
AC input and EARTH. The second component (the NTC) is filtered by two capacitors placed
across the AC inputs and by the leakage inductance of the CM filter. In fact by using a CM
transformer having a high leakage inductance, a differential filtering can be obtained. The
differential capacitors are equal to CX = 100 nF, while the CM capacitors are equal to
CY = 1 nF. The CM transformer, TCM, is a B82733F series transformer from EPCOS.
W
73
.
1
V
V
P
2
2
P
F
(min)
rms
,
in
in
B
=
=
nF
470
C
nF
87
.
401
V
f
r
2
P
C
in
2
(min)
RMS
,
in
sw
in
min
,
in
min
=
→
=
⋅
⋅
⋅
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com