Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2982 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2982
Description  This application note describes the STEVAL-ILB005V2 demonstration board equipped with the L6585DE lighting controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2982 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2982 Datasheet HTML 18Page - STMicroelectronics AN2982 Datasheet HTML 19Page - STMicroelectronics AN2982 Datasheet HTML 20Page - STMicroelectronics AN2982 Datasheet HTML 21Page - STMicroelectronics AN2982 Datasheet HTML 22Page - STMicroelectronics AN2982 Datasheet HTML 23Page - STMicroelectronics AN2982 Datasheet HTML 24Page - STMicroelectronics AN2982 Datasheet HTML 25Page - STMicroelectronics AN2982 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Ballast stage design
AN2982
22/31
Doc ID 15599 Rev 1
The minimum startup current of the L6585DE is equal to Icc,on = 370 µA. This current has to
be delivered to the IC at the minimum input voltage (125 Vpk), therefore a total resistance
equal to:
Equation 57
The network is divided into 5 x 68 k
Ω resistors in order to avoid damage due to the lamp
striking voltage.
A C1 = 10 µF followed by a 100 nF ceramic capacitor is used as the Vcc bulk capacitor.
Ω
=
=
k
337
I
V
R
on
,
cc
min
,
in
tot
,
su



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com