Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3009 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3009
Description  How to design a transition mode PFC pre-regulator using the L6564
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3009 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3009 Datasheet HTML 17Page - STMicroelectronics AN3009 Datasheet HTML 18Page - STMicroelectronics AN3009 Datasheet HTML 19Page - STMicroelectronics AN3009 Datasheet HTML 20Page - STMicroelectronics AN3009 Datasheet HTML 21Page - STMicroelectronics AN3009 Datasheet HTML 22Page - STMicroelectronics AN3009 Datasheet HTML 23Page - STMicroelectronics AN3009 Datasheet HTML 24Page - STMicroelectronics AN3009 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AN3009
Designing a transition mode PFC
Doc ID 16032 Rev 4
21/36
By selecting a commercial value of RoutH equal to 3 MΩ, we get:
Equation 38
Equation 39
We have selected RoutL = 62 kΩ in parallel to 27 kΩ. Note that for RoutH a resistor with a
suitable voltage rating (>400 V) is needed, or else additional in-series resistors must be
used.
Also note that the maximum value of the resistor divider is limited by the L6564’s INV pin
input bias current given in the datasheet. To guarantee correct output voltage regulation, the
current flowing in the resistor divider must be significantly higher than the current flowing
into the pin.
Pin 6 (PFC_OK - feedback failure protection): the PFC_OK pin is dedicated to monitoring
the output voltage by a separate resistor divider. This divider is selected so that the voltage
at the pin reaches 2.5 V (typ.) if the output voltage exceeds a preset value VOVP (7), usually
larger than the maximum Vout that can be expected, and also including worst-case load/line
transients. For a maximum output voltage VOVP of 430 V and imposing a 50 µA current
flowing into the divider, we obtain:
Equation 40
By selecting a commercial value of 51 k
Ω, we then get:
Equation 41
By connecting in series two 3.3 M
Ω and one 2.2 MΩ resistors, a total value of 8.8 MΩ is
obtained.
Note that both feedback dividers connected to the L6564’s pin #1 (INV) and pin #6
(PFC_OK) can be selected without any constraints. The unique criterion is that both dividers
have to sink a current from the output bus, which needs to be significantly higher than the
current biasing the error amplifier and PFC_OK comparator.
The OVP function described above can handle “normal” overvoltage conditions, that is,
those resulting from an abrupt load/line change or occurring at start-up. If the overvoltage is
generated by a feedback disconnection for instance, when one of the upper resistors of the
output divider fails to open, an additional circuitry detects the voltage drop of pin INV. If the
voltage on pin INV is lower than 1.66 V (typ.) and at same time the OVP is active, a feedback
failure is assumed.
1
V
5
.
2
V
R
R
out
outL
outH
−
=
159
1
V
5
.
2
V
400
R
R
outL
outH
=
−
=
159
R
R
outH
outL =
Ω
=
Ω
=
k
8
.
18
159
M
3
R
outL
divider
OK
_
PFC
_
REF
L
I
V
R
=
Ω
=
µ
=
k
50
A
50
V
5
.
2
R
L
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
⋅
=
1
V
V
R
R
OK
_
PFC
_
REF
OVP
L
H
Ω
=
⎟⎟⎠
⎞
⎜⎜⎝
⎛
−
⋅
Ω
=
M
721
.
8
1
V
5
.
2
V
430
k
51
RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com