Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3009 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3009
Description  How to design a transition mode PFC pre-regulator using the L6564
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3009 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3009 Datasheet HTML 19Page - STMicroelectronics AN3009 Datasheet HTML 20Page - STMicroelectronics AN3009 Datasheet HTML 21Page - STMicroelectronics AN3009 Datasheet HTML 22Page - STMicroelectronics AN3009 Datasheet HTML 23Page - STMicroelectronics AN3009 Datasheet HTML 24Page - STMicroelectronics AN3009 Datasheet HTML 25Page - STMicroelectronics AN3009 Datasheet HTML 26Page - STMicroelectronics AN3009 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
AN3009
Designing a transition mode PFC
Doc ID 16032 Rev 4
23/36
The two bode plot charts refer to the PFC operating at 265 Vac and full load. In these
conditions, the crossover frequency is 11.55 Hz and the phase margin is 55 °C. The third
harmonic distortion introduced by the E/A 100 Hz residual ripple is below 3%.
Pin 4 (CS): this pin is the inverting input of the current sense comparator. The L6564
receives the information on the instantaneous inductor current through this pin, provided by
an external sense resistor (Rs) via an RC filter. As this signal crosses the threshold set by
the multiplier output, the PWM latch is reset and the power MOSFET is turned off. The
MOSFET stays in the off state until the PWM latch is set again by the ZCD signal. The pin is
equipped with 150 ns leading-edge blanking to improve noise immunity.
For a 100 W PFC, the sense resistor value (Rs) can be calculated as follows.
Equation 44
Where:
●
ILpk is the maximum peak current in the inductor, calculated as shown in
Equation 4.
●
Vcsmin equals 1.0 V and is the minimum voltage admitted on the L6564’s current
sense (as per the datasheet).
Because the internal current sense clamping sets the maximum current that can flow in the
inductor, the maximum peak of the inductor current is calculated considering the maximum
voltage Vcsmax admitted on the L6564 (as per the datasheet).
Equation 45
The calculated ILpkx is the value at which the boost inductor is not saturated and is used to
calculate the inductor’s number of turns and air gap length.
Figure 9.
Open-loop transfer function bode
plot
Figure 10.
Phase
pk
min
s
IL
Vcs
R
<
Ω
=
<
296
.
0
A
38
.
3
V
0
.
1
R
s
s
max
pkx
R
Vcs
IL
=
A
30
.
4
27
.
0
V
16
.
1
ILpkx
=
Ω
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com