Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3027 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 9Page - STMicroelectronics AN3027 Datasheet HTML 10Page - STMicroelectronics AN3027 Datasheet HTML 11Page - STMicroelectronics AN3027 Datasheet HTML 12Page - STMicroelectronics AN3027 Datasheet HTML 13Page - STMicroelectronics AN3027 Datasheet HTML 14Page - STMicroelectronics AN3027 Datasheet HTML 15Page - STMicroelectronics AN3027 Datasheet HTML 16Page - STMicroelectronics AN3027 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
AN3027
Designing a TM PFC
Doc ID 16134 Rev 4
13/41
As previously stated, ILpk is twice the line-frequency peak current Equation 4, which is
related to the input power and the input mains voltage. Substituting this relationship in the
expressions of ton and toff, after some algebra it is possible to find the instantaneous
switching frequency along a line cycle:
Equation 21
The switching frequency is minimum at the top of the sinusoid (
θ = Π /2 ==> sin θ =1),
maximum at the zero crossings of the line voltage (
θ = 1 or Π ==> sin θ =0), where toff =0.
The absolute minimum frequency fswmin can occur at either the maximum VACmax or the
minimum mains voltage VACmin, thus the inductor value is defined by the formula:
Equation 22
After calculating the values of the inductor at low mains and at high mains L(VACmax),
L(VACmin) Equation 23, the lowest value must be used. It becomes the maximum
inductance value for the PFC dimensioning.
Equation 23
For this application a 0.52 mH boost inductance has been selected.
Figure 4.
Switching frequency, fixing the line voltage
The figure above shows the switching frequency versus the
θ angle calculated with Equation
22, a 0.52 mH boost inductance and fixing the line voltage at minimum and maximum
(
)
out
out
2
in
off
on
sw
V
)
sin(
VAC
2
V
VAC
P
L
2
1
T
T
1
)
,
VAC
(
f
θ
⋅
⋅
−
⋅
⋅
⋅
⋅
=
+
=
θ
out
in
min
sw
out
2
V
P
f
2
)
VAC
2
V
(
VAC
)
VAC
(
L
⋅
⋅
⋅
⋅
−
⋅
=
()
mH
642
.
0
V
400
W
38
.
106
kHz
40
2
)
Vac
90
2
V
400
(
Vac
90
)
VAC
(
L
2
min
=
⋅
⋅
⋅
⋅
−
⋅
=
()
mH
515
.
0
V
400
W
38
.
106
kHz
40
2
)
Vac
265
2
V
400
(
Vac
265
)
VAC
(
L
2
max
=
⋅
⋅
⋅
⋅
−
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com