Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3027 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3027
Description  How to design a transition-mode PFC pre-regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3027 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3027 Datasheet HTML 27Page - STMicroelectronics AN3027 Datasheet HTML 28Page - STMicroelectronics AN3027 Datasheet HTML 29Page - STMicroelectronics AN3027 Datasheet HTML 30Page - STMicroelectronics AN3027 Datasheet HTML 31Page - STMicroelectronics AN3027 Datasheet HTML 32Page - STMicroelectronics AN3027 Datasheet HTML 33Page - STMicroelectronics AN3027 Datasheet HTML 34Page - STMicroelectronics AN3027 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
AN3027
L6563H: high-voltage startup transition-mode PFC
Doc ID 16134 Rev 4
31/41
4
L6563H: high-voltage startup transition-mode PFC
The L6563H is a new current-mode PFC controller operating in transition mode (TM) which
embeds the same features existing in the L6563S with the addition of a high-voltage startup.
The package and pinout of the two devices are different as shown in
Figure 17 and
Figure 18. The pin function is the same, in this paragraph a detailed description of the HV
startup system is given.
Figure 19 shows the internal schematic of the high-voltage startup generator. It is made up
of a high-voltage N-channel FET, whose gate is biased by a 15 M
Ω resistor, with a
temperature-compensated current generator connected to its source.
The HV generator is physically located on a separate chip, made with BCD off-line
technology able to withstand 700 V, controlled by a low-voltage chip, where all of the control
functions reside.
Figure 19.
High-voltage startup generator: internal schematic
With reference to the timing diagram of
Figure 20, when power is first applied to the
converter the voltage on the bulk capacitor (Vin) builds up and, at about 80 V, the HV
generator is enabled to operate (HV_EN is pulled high) so that it draws about 1 mA. This
Figure 17.
L6563H - SO16
Figure 18.
L6563S - SO14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com