Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3090 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3090
Description  Power saving and LED status detection using the STP16DPPS05 device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3090 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3090 Datasheet HTML 9Page - STMicroelectronics AN3090 Datasheet HTML 10Page - STMicroelectronics AN3090 Datasheet HTML 11Page - STMicroelectronics AN3090 Datasheet HTML 12Page - STMicroelectronics AN3090 Datasheet HTML 13Page - STMicroelectronics AN3090 Datasheet HTML 14Page - STMicroelectronics AN3090 Datasheet HTML 15Page - STMicroelectronics AN3090 Datasheet HTML 16Page - STMicroelectronics AN3090 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AN3090
Error detection output test circuit
Doc ID16496 Rev 1
13/19
4
Error detection output test circuit
During the error detection time, the internal structure of the device allows a single output
current test. Specifically, the test is performed by comparing the current flowing from the
output, to the current set by the REXT programming resistor.
If the current detected is less than 50% (typ) of the current set by the REXT resistor, the
device marks the output as malfunctioning, and converts the previous data loaded into the
shift register from “1” to “0”. Subsequently, these results are transferred as feedback by the
SDO pin.
Table 2 shows a typical example of the measured error detection threshold for several
output current levels set by the REXT resistor.
For output error detection to function correctly, all the signals must be synchronized with the
falling edge of the CLK signal. This is necessary to avoid any setup\hold time violations.
In some cases, due to application conditions, this cannot be applied (i.e.: data generated by
an MCU). To address this, it is possible to switch all of the other signals by applying a 15 ns
delay after the rising edge of the CLK signal.
Only one error detection reading can be made within the acquisition time window. For this
reason, if two or more readings are required it is necessary the complete the error detection
sequence, then repeat each step again.
Table 2.
Error threshold test results
VDD (V)
ISET (mA)
Measured error threshold (mA)
3.3
1
0.359
2
0.841
31.36
52.10
10
4.80
20
10.2
40
19.68
5.0
1
0.355
2
0.831
31.21
52.40
10
5.00
20
9.90
40
19.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com