Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3090 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3090
Description  Power saving and LED status detection using the STP16DPPS05 device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3090 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3090 Datasheet HTML 11Page - STMicroelectronics AN3090 Datasheet HTML 12Page - STMicroelectronics AN3090 Datasheet HTML 13Page - STMicroelectronics AN3090 Datasheet HTML 14Page - STMicroelectronics AN3090 Datasheet HTML 15Page - STMicroelectronics AN3090 Datasheet HTML 16Page - STMicroelectronics AN3090 Datasheet HTML 17Page - STMicroelectronics AN3090 Datasheet HTML 18Page - STMicroelectronics AN3090 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Auto power-saving feature
AN3090
16/19
Doc ID16496 Rev 1
In this case:
Total IDD (mA) = 0.008 x 100 = 800 mA
Using the power-saving feature, considering that the IDD of one device in shutdown
condition is typically 140 µA, the LED display supply current (IDD) is:
Total IDD (mA) = 0.00014 x 100 = 14 mA
As a result:
With all devices in auto-shutdown, the power supply consumption is 1.75% versus normal
operating conditions, resulting in power savings of 98.25%.
Usually, when an LED panel is used in standard mode, it is common to have from 15% to
40% of the drivers with no active outputs. Also, in this condition the devices switching from
auto power-up to auto-shutdown are able to save power to increase battery time span.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com