Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3111 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3111
Description  18 W single-stage offline LED driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3111 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3111 Datasheet HTML 9Page - STMicroelectronics AN3111 Datasheet HTML 10Page - STMicroelectronics AN3111 Datasheet HTML 11Page - STMicroelectronics AN3111 Datasheet HTML 12Page - STMicroelectronics AN3111 Datasheet HTML 13Page - STMicroelectronics AN3111 Datasheet HTML 14Page - STMicroelectronics AN3111 Datasheet HTML 15Page - STMicroelectronics AN3111 Datasheet HTML 16Page - STMicroelectronics AN3111 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AN3111
STEVAL-ILL027V1 demonstration board
Doc ID 16815 Rev 2
13/23
2
STEVAL-ILL027V1 demonstration board
Table 1.
Bill of material for the STEVAL-ILL027V1
Reference
Part description / part number
Package
Manufacture
C1
82 µF / 100 V
Axial
C5
10 µF / 35 V
SMT
C6
0.1 µF / 50 V
805
C7
1 nF / 50 V
805
C8, C10
0.27 µF/250 V ECQ-E2274KF
Metal Poly.
C9
0.68 µF/250 V ECQ-E2684KB
Metal Poly.
D1
1 A/600 V diode bridge DF06S
SMT
D3
1N4148WS
SMT
D7, D8
STTH1L06A
SMA
STMicroelectronics™
L1
20 mH CM choke 744821120
Wurth Electronics Midcom
Q1
STD5NM50
DPAK
STMicroelectronics
R3
10 k
Ω
805
R4
12 k
Ω
1206
R5
100
Ω
805
R6, R11
2
Ω
1206
R7
130 k
Ω
805
R8
100 k
Ω
805
R14
100 k
Ω
1206
R9
510 k
Ω
1206
R10
20 k
Ω
805
R12
200 k
Ω
1206
T1
200 µH couple inductor 750310347 Rev01
Wurth Electronics Midcom
U1
L6562A
SO-8
STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com