Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3111 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3111
Description  18 W single-stage offline LED driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3111 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3111 Datasheet HTML 15Page - STMicroelectronics AN3111 Datasheet HTML 16Page - STMicroelectronics AN3111 Datasheet HTML 17Page - STMicroelectronics AN3111 Datasheet HTML 18Page - STMicroelectronics AN3111 Datasheet HTML 19Page - STMicroelectronics AN3111 Datasheet HTML 20Page - STMicroelectronics AN3111 Datasheet HTML 21Page - STMicroelectronics AN3111 Datasheet HTML 22Page - STMicroelectronics AN3111 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Conclusion
AN3111
22/23
Doc ID 16815 Rev 2
4
Conclusion
Running at transition mode provides the benefit of lower switching losses and spread of the
EMI spectrum. This buck-boost converter achieves constant power by operating at constant
peak current, and high power factor is achieved by reshaping the current waveform near the
zero crossing of the line voltage. This single-stage buck-boost converter provides a cost-
effective solution for offline non-isolated LED applications. This single-stage LED driver has
open load and short-circuit protection.
5
Reference
1.
ENERGY STAR® requirements for SSL
2.
AN966 application note
3.
L6562A datasheet
6
Revision history
Table 3.
Document revision history
Date
Revision
Changes
10-Feb-2010
1
Initial release.
08-Feb-2011
2
Corrected Figure 4, section “2.2 18 W single-stage offline LED driver
for EU voltage range” to section “2.5 STEVAL-ILL027V1
modifications for EU voltage range” replaced by Section 3: STEVAL-
ILL027V2 demonstration board, corrected typo in Section 1: Circuit
design and Section 2: STEVAL-ILL027V1 demonstration board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com