Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3172 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3172
Description  This application note describes the performance of a 90 W
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3172 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3172 Datasheet HTML 17Page - STMicroelectronics AN3172 Datasheet HTML 18Page - STMicroelectronics AN3172 Datasheet HTML 19Page - STMicroelectronics AN3172 Datasheet HTML 20Page - STMicroelectronics AN3172 Datasheet HTML 21Page - STMicroelectronics AN3172 Datasheet HTML 22Page - STMicroelectronics AN3172 Datasheet HTML 23Page - STMicroelectronics AN3172 Datasheet HTML 24Page - STMicroelectronics AN3172 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
AN3172
BOM list
Doc ID 17230 Rev 1
21/31
7
BOM list
Table 4.
EVL6599A-90WADP demonstration board: BOM list
Des.
Part type/
Part value
Case style
/Package
Description
Supplier
C1
470 nF
9.0 × 18.0 p.15 mm X2 - MKP FILM CAP - B32922C3474K
EPCOS
C10
1 nF
0805
50 V cercap - general purpose
AVX
C11
2n2F
0805
50 V cercap - general purpose
AVX
C12
1 uF
0805
25 V cercap - general purpose
AVX
C13
680 nF
1206
25 V cercap - general purpose
AVX
C14
68 nF
0805
50 V cercap - general purpose
AVX
C15
47 uF
DIA6.3X11 (mm)
50 V aluminium elcap - YXF series - 105 °C
RUBYCON
C16
2n2F
1206
50 V cercap - general purpose
AVX
C17
220 pF
0805
50 V - 5 % - C0G - cercap
AVX
C18
4.7 uF
1206
6.3 V cercap - general purpose
AVX
C19
100 nF
1206
50 V cercap - general purpose
AVX
C2
2n2F
DWG
Y1 safety cap. DE1E3KX222M
MURATA
C20
2n2F
DWG
Y1 safety cap. DE1E3KX222M
MURATA
C21
2n2F
DWG
Y1 safety cap. DE1E3KX222M
MURATA
C22
220 pF
0805
50 V cercap - general purpose
AVX
C23
10 nF
0805
50 V cercap - general purpose
AVX
C24
100 uF
DIA10X12.5 (mm)
50 V aluminium elcap - YXF series - 105 °C
RUBYCON
C25
330 nF
0805
50 V cercap - general purpose
AVX
C26
10 uF
DIA6.3X11 (mm)
50 V aluminium elcap - YXF series - 105 °C
RUBYCON
C27
220 pF
5x3 mm
500 V cercap - 5MQ221KAAAA
AVX
C28
22 nF
5x18 p.15 mm
1000 V - mkp film cap - B32652A0223K000
EPCOS
C29
470 uF
DIA10X20 (mm)
35 V aluminium elcap - ZL series - 105 °C
RUBYCON
C3
2n2F
DWG
Y1 safety cap. DE1E3KX222M
MURATA
C30
470 uF
DIA10X20 (mm)
35 V aluminium elcap - ZL series - 105 °C
RUBYCON
C31
100 uF
DIA8X11 (mm)
35 V aluminium elcap - YXF series - 105 °C
RUBYCON
C32
100 nF
0805
50 V cercap - general purpose
AVX
C33
470 pF
0805
50 V - 5 % - C0G - cercap
AVX
C34
100 nF
0805
50 V cercap - general purpose
AVX
C36
1 uF
DIA6.3X11 (mm)
50 V aluminium elcap - YXF series - 105 °C
RUBYCON
C37
10nF
0805
50 V cercap - general purpose
AVX
C39
100 nF
0805
50 V cercap - general purpose
AVX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com