Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3172 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3172
Description  This application note describes the performance of a 90 W
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3172 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3172 Datasheet HTML 19Page - STMicroelectronics AN3172 Datasheet HTML 20Page - STMicroelectronics AN3172 Datasheet HTML 21Page - STMicroelectronics AN3172 Datasheet HTML 22Page - STMicroelectronics AN3172 Datasheet HTML 23Page - STMicroelectronics AN3172 Datasheet HTML 24Page - STMicroelectronics AN3172 Datasheet HTML 25Page - STMicroelectronics AN3172 Datasheet HTML 26Page - STMicroelectronics AN3172 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
AN3172
BOM list
Doc ID 17230 Rev 1
23/31
D9
STPS1L60A
SMA
Power Schottky rectifier
STMicroelectronics
F1
FUSE T4A
8.5x4 p.5.08mm
Fuse 4A - time lag - 3921400
Littlefuse
HS1
HEAT-SINK
DWG
Heat sink for D1, Q1, Q3, Q4
HS2
HEAT SINK
DWG
Heat sink for D23, D24
J1
MKDS 1,5/ 3-5,08
DWG
PCB term. block, screw conn.,pitch 5mm 3 W.
Phoenix contact
J2
MKDS 1,5/ 2-5,08
DWG
PCB term. block, screw conn.,pitch 5mm 2 W.
Phoenix contact
JPX1
Jumper
Wire
Bare copper wire jumper
JPX2
Jumper
Wire
Bare copper wire jumper
JPX3
Jumper
Wire
Bare copper wire jumper
L1
2019.0002
CM inductor 2x18mH 1.8A
MAGNETICA
L2
1974.0002
DWG
PFC inductor - 0.52mH (X08141-01-B)
MAGNETICA
L3
1071.0083
DWG
1 uH - 5 A inductor
MAGNETICA
Q1
STF12NM50N
TO-220FP
N-channel power MOSFET
STMicroelectronics
Q10
BC847C
SOT-23
NPN small signal BJT
VISHAY
Q2
BC857C
SOT-23
PNP small signal BJT
VISHAY
Q3
STF7NM50N
TO-220FP
N-channel power MOSFET
STMicroelectronics
Q4
STF7NM50N
TO-220FP
N-channel power MOSFET
STMicroelectronics
Q5
BC847C
SOT-23
NPN small signal BJT
VISHAY
Q6
BC847C
SOT-23
NPN small signal BJT
VISHAY
Q7
N.M.
SOT-23
PNP small signal BJT - not used
Q9
BC847C
SOT-23
NPN small signal BJT
VISHAY
R1
3M3
1206
SMD STD film res, 1/4 W, 5 %, 250 ppm/°C
VISHAY
R10
27 K
0805
SMD STD film res, 1/8 W, 1 %, 100 ppm/°C
VISHAY
R11
2M2
1206
SMD STD film res, 1/4 W, 1 %, 100 ppm/°C
VISHAY
R12
2M2
1206
SMD STD film res, 1/4 W, 1 %, 100 ppm/°C
VISHAY
R13
8K2
1206
SMD STD film res, 1/4 W, 1 %, 100 ppm/°C
VISHAY
R14
51 K
0805
SMD STD film res, 1/8 W, 5 %, 250 ppm/°C
VISHAY
R15
56 K
1206
SMD STD film res, 1/4 W, 1 %, 100 ppm/°C
VISHAY
R16
4K7
0805
SMD STD film res, 1/8 W, 5 %, 250 ppm/°C
VISHAY
R17
2M2
1206
SMD STD film res, 1/4 W, 1 %, 100 ppm/°C
VISHAY
R18
82 K
0805
SMD STD film res, 1/8 W, 5 %, 250 ppm/°C
VISHAY
R19
56 K
0805
SMD STD film res, 1/8 W, 5 %, 250 ppm/°C
VISHAY
R2
3M3
1206
SMD STD film res, 1/4 W, 5 %, 250 ppm/°C
VISHAY
R20
0R0
0805
SMD STD film res, 1/8 W, 5 %, 250 ppm/°C
VISHAY
Table 4.
EVL6599A-90WADP demonstration board: BOM list (continued)
Des.
Part type/
Part value
Case style
/Package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com