Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3290 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3290
Description  Reference design for double output SMPS for power line
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3290 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3290 Datasheet HTML 9Page - STMicroelectronics AN3290 Datasheet HTML 10Page - STMicroelectronics AN3290 Datasheet HTML 11Page - STMicroelectronics AN3290 Datasheet HTML 12Page - STMicroelectronics AN3290 Datasheet HTML 13Page - STMicroelectronics AN3290 Datasheet HTML 14Page - STMicroelectronics AN3290 Datasheet HTML 15Page - STMicroelectronics AN3290 Datasheet HTML 16Page - STMicroelectronics AN3290 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
AN3290
Typical board waveforms
Doc ID 18038 Rev 1
13/34
4
Typical board waveforms
Typical waveforms during TX mode and different input voltages are shown in this section. In
this condition the load on output 1 changes from 35 to 550 mA with 1 Hz of repetition rate
and 60% duty cycle. Output 2 is loaded at 100 mA.
Figures Figure 10, 11, 12 and 13 show the drain voltage and drain current waveforms at
different input voltage values.
Note that the maximum drain peak voltage at maximum input voltage is 576 V (Figure 13),
ensuring a reliable operation of the MOSFET with good margin against its maximum
BVDSS.
During PLM operations it is important that the output voltage remains regulated within
specification limits, to ensure correct operations for the PLM power amplifier. In order to test
such conditions, output 1 has been submitted to a dynamic step load according to the
specifications of Table 1 and output 2 has been loaded with different output currents, in
order to simulate the widest possible operative conditions.
Results are shown in figures 13 to 21; the output voltage is quite stable and clean with no
abnormal oscillation during load changes and the steady-state values are within
specification with very good margin.
Figure 10.
Normal operations in TX mode at 85 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com