Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3290 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3290
Description  Reference design for double output SMPS for power line
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3290 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3290 Datasheet HTML 19Page - STMicroelectronics AN3290 Datasheet HTML 20Page - STMicroelectronics AN3290 Datasheet HTML 21Page - STMicroelectronics AN3290 Datasheet HTML 22Page - STMicroelectronics AN3290 Datasheet HTML 23Page - STMicroelectronics AN3290 Datasheet HTML 24Page - STMicroelectronics AN3290 Datasheet HTML 25Page - STMicroelectronics AN3290 Datasheet HTML 26Page - STMicroelectronics AN3290 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
AN3290
Protection features
Doc ID 18038 Rev 1
23/34
5.3
Secondary winding short-circuit and transformer saturation
protection
The ALTAIR04-900 is equipped with a hiccup mode overcurrent protection level.
If the voltage on the SOURCE pin exceeds the VCSdis level (1 V typ.), it means the primary
drain current exceeds the value 1/RSENSE (where RSENSE is set according to the total output
power requirement), the device enters a warning state. If, at the next switching cycle, the
hiccup mode level is exceeded again, the device assumes that a secondary winding short-
circuit or a hard saturation of the transformer has occurred, so the device stops operating
and the MOSFET is no longer allowed to switch on.
In order to enable the MOSFET to switch on again, the VCC voltage must be recycled. That
is, VCC must go down to VCCrestart, then rise up to VCCon and the MOSFET switching can
restart.
Of course, if the cause of the hiccup mode overcurrent protection activation is not removed,
the device again enters auto-restart mode.
Thanks to the extremely low fault quiescent current value, the restart repetition rate is
extremely low, resulting in very safe and reliable protection.
This protection was tested on the demonstration board. The secondary winding of the
transformer was shorted in different operating conditions. Figures 25 to 28 show the
behavior of the system during fault.
Figure 25.
Hiccup mode OCP: protection tripping at VIN=115 VAC and full load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com