Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0613 Datasheet(PDF) 3 Page - STMicroelectronics

Part # UM0613
Description  Dual DC-DC converter for powering an AMOLED display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0613 Datasheet(HTML) 3 Page - STMicroelectronics

  UM0613 Datasheet HTML 1Page - STMicroelectronics UM0613 Datasheet HTML 2Page - STMicroelectronics UM0613 Datasheet HTML 3Page - STMicroelectronics UM0613 Datasheet HTML 4Page - STMicroelectronics UM0613 Datasheet HTML 5Page - STMicroelectronics UM0613 Datasheet HTML 6Page - STMicroelectronics UM0613 Datasheet HTML 7Page - STMicroelectronics UM0613 Datasheet HTML 8Page - STMicroelectronics UM0613 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
UM0613
Package description and order codes
Doc ID 15186 Rev 1
3/11
1
Package description and order codes
The dual DC-DC converter STOD02 is housed in a 12-pin DFN (3 x 3 mm.). The device is
available in 2 different thicknesses: 0.8 mm and 0.6 mm. Table 1. shows the related
commercial order codes.
Table 1.
Order codes
Order code
Package
Packaging
Marking
STOD02PUR
DFN12L (3 x 3 x 0.8 mm)
3000 parts per reel
D02D
STOD02TPUR
DFN12L (3 x 3 x 0.6 mm)
3000 parts per reel
02T



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com