Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0613 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM0613
Description  Dual DC-DC converter for powering an AMOLED display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0613 Datasheet(HTML) 4 Page - STMicroelectronics

  UM0613 Datasheet HTML 1Page - STMicroelectronics UM0613 Datasheet HTML 2Page - STMicroelectronics UM0613 Datasheet HTML 3Page - STMicroelectronics UM0613 Datasheet HTML 4Page - STMicroelectronics UM0613 Datasheet HTML 5Page - STMicroelectronics UM0613 Datasheet HTML 6Page - STMicroelectronics UM0613 Datasheet HTML 7Page - STMicroelectronics UM0613 Datasheet HTML 8Page - STMicroelectronics UM0613 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
External component selection
UM0613
4/11
Doc ID 15186 Rev 1
2
External component selection
2.1
Input and output capacitor selection
The use of ceramic capacitors with low ESR as input and output capacitors is
recommended. It is also recommended to use 4.7 µF / 6.3 V as a minimum value for the
input and output capacitors and 1 µF / 6.3 V as the optimal value for the reference capacitor,
in order to achieve good device stability.
Note:
See recommended components in Table 2.
2.2
Inductor selection
In order to fully benefit from the compact solution offered by the STOD02, a very thin
inductor with a low DC series winding resistance is recommended for this application.
The maximum current of the inductor must be taken into consideration in order to avoid
saturation of the core. The STOD02 automatically limits the maximum current in the inductor
to 0.9 A for the step-up stage and 1.1 A for the inverting stage.
Suggested inductance values are in the range between 4.7 µH and 6.8 µH.
Note:
See recommended components in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com