Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD22100GS Datasheet(PDF) 9 Page - NEC

Part # UPD22100GS
Description  CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD22100GS Datasheet(HTML) 9 Page - NEC

Back Button UPD22100GS Datasheet HTML 5Page - NEC UPD22100GS Datasheet HTML 6Page - NEC UPD22100GS Datasheet HTML 7Page - NEC UPD22100GS Datasheet HTML 8Page - NEC UPD22100GS Datasheet HTML 9Page - NEC UPD22100GS Datasheet HTML 10Page - NEC UPD22100GS Datasheet HTML 11Page - NEC UPD22100GS Datasheet HTML 12Page - NEC UPD22100GS Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
µPD22100, 22148
TEST CIRCUITS
PROPAGATION DELAY TIMES
(1) SIGNAL INPUT
→ SIGNAL OUTPUT
(2) STROBE INPUT
→ OUTPUT
(3) DATA INPUT
→ OUTPUT (STROBE = VDD)
ON
SW
VIS
VIS
VOL
VOH
VSS
tPHL
tPLH
VDD
50 %
50 %
RL
CL
VOS
VOS
STROBE
DATA IN
SW
VIS
VDD
VSS
tPHZ
tsetup
thold
tPZH
VDD
50 %
50 %
90 %
10 %
50 %
RL
CL
VOS
STROBE
VSS
VDD
DATA IN
VOL
VOH
VOS
DATA IN
SW
VIS
VIS
VDD
VSS
tPZH
VDD
VOL
VOH
50 %
10 %
RL
CL
VOS
VOS
DATA IN
SW
VDD
VSS
tPZL
VDD
VOL
VOH
50 %
90 %
RL
CL
VOS
VOS
DATA IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com