Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD22100GS Datasheet(PDF) 15 Page - NEC

Part # UPD22100GS
Description  CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD22100GS Datasheet(HTML) 15 Page - NEC

Back Button UPD22100GS Datasheet HTML 8Page - NEC UPD22100GS Datasheet HTML 9Page - NEC UPD22100GS Datasheet HTML 10Page - NEC UPD22100GS Datasheet HTML 11Page - NEC UPD22100GS Datasheet HTML 12Page - NEC UPD22100GS Datasheet HTML 13Page - NEC UPD22100GS Datasheet HTML 14Page - NEC UPD22100GS Datasheet HTML 15Page - NEC UPD22100GS Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
µPD22100, 22148
22
12
111
A
NOTES
Each lead centerline is located within 0.17 mm (0.007 inch) of
its true position (T.P.) at maximum material condition.
S22C-70-300B-1
ITEM
MILLIMETERS
INCHES
A
B
C
D
F
G
H
I
J
K
23.12 MAX.
1.778 (T.P.)
3.2±0.3
0.51 MIN.
4.31 MAX.
2.67 MAX.
L
M
0.17
0.25
7.62 (T.P.)
5.08 MAX.
6.5
N
0~15°
0.50±0.10
0.85 MIN.
R
0.911 MAX.
0.106 MAX.
0.020
0.033 MIN.
0.126±0.012
0.020 MIN.
0.170 MAX.
0.200 MAX.
0.300 (T.P.)
0.256
0.010
0.007
0~15°
+0.004
–0.003
0.070 (T.P.)
1)
Item "K" to center of leads when formed parallel.
2)
+0.004
–0.005
+0.10
–0.05
22 PIN PLASTIC SHRINK DIP (300 mil)
F
CB
R
K
L
M
D
N
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com