Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR08AS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # BCR08AS
Description  LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR08AS Datasheet(HTML) 6 Page - Renesas Technology Corp

  BCR08AS Datasheet HTML 1Page - Renesas Technology Corp BCR08AS Datasheet HTML 2Page - Renesas Technology Corp BCR08AS Datasheet HTML 3Page - Renesas Technology Corp BCR08AS Datasheet HTML 4Page - Renesas Technology Corp BCR08AS Datasheet HTML 5Page - Renesas Technology Corp BCR08AS Datasheet HTML 6Page - Renesas Technology Corp BCR08AS Datasheet HTML 7Page - Renesas Technology Corp BCR08AS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Mar. 2002
100
23
100
57 101 23 5 7 102 23 5 7 103
102
7
5
3
2
101
7
5
3
2
7
5
3
2
10–1
VGM = 10V
VGT
PGM = 1W
PG(AV)
= 0.1W
IGM = 1A
VGD = 0.2V
IFGT III
IFGT I,
IRGT I, IRGT III
MAXIMUM ON-STATE POWER
DISSIPATION
RMS ON-STATE CURRENT (A)
ALLOWABLE CASE TEMPERATURE
VS. RMS ON-STATE CURRENT
RMS ON-STATE CURRENT (A)
MAXIMUM TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
CONDUCTION TIME
(CYCLES AT 60Hz)
GATE CHARACTERISTICS
GATE CURRENT (mA)
GATE TRIGGER CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
GATE TRIGGER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
VRGT I VRGT III
VFGT I VFGT III
TYPICAL EXAMPLE
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
IFGT I IRGT III IRGT I
IFGT III
TYPICAL EXAMPLE
2.0
1.6
1.2
0.8
0.4
0
2.0
0
0.4
0.8
1.2
1.6
360°
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
160
120
100
60
20
0
1.6
0
0.2
0.6
1.0
1.4
40
80
140
0.4
0.8
1.2
RESISTIVE,
INDUCTIVE
LOADS
CURVES APPLY REGARDLESS
OF CONDUCTION ANGLE
NATURAL CONVECTION
101
23
10–1
57 100 23 5 7 101 23 5 7 102
103
7
5
3
2
102
7
5
3
2
7
5
3
2
100
23
102
57 103 23 5 7 104 23 5 7 105
JUNCTION TO AMBIENT
JUNCTION TO CASE
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR08AS
LOW POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com