Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR08AS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # BCR08AS
Description  LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR08AS Datasheet(HTML) 8 Page - Renesas Technology Corp

  BCR08AS Datasheet HTML 1Page - Renesas Technology Corp BCR08AS Datasheet HTML 2Page - Renesas Technology Corp BCR08AS Datasheet HTML 3Page - Renesas Technology Corp BCR08AS Datasheet HTML 4Page - Renesas Technology Corp BCR08AS Datasheet HTML 5Page - Renesas Technology Corp BCR08AS Datasheet HTML 6Page - Renesas Technology Corp BCR08AS Datasheet HTML 7Page - Renesas Technology Corp BCR08AS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Mar. 2002
GATE TRIGGER CURRENT VS.
GATE CURRENT PULSE WIDTH
GATE CURRENT PULSE WIDTH (µs)
101
103
7
5
3
2
100
23
5 7 101
102
7
5
3
2
23
5 7 102
4
4
44
IRGT I IRGT III IFGT I
IFGT III
TYPICAL EXAMPLE
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR08AS
LOW POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
6
Ω
6
Ω
6
Ω
6
Ω
6V
6V
6V
6V
RG
RG
RG
RG
A
V
A
V
A
V
A
V
TEST PROCEDURE 1
TEST PROCEDURE 3
TEST PROCEDURE 2
TEST PROCEDURE 4
GATE TRIGGER CHARACTERISTICS
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com