Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR10CS Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # BCR10CS
Description  MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR10CS Datasheet(HTML) 5 Page - Renesas Technology Corp

  BCR10CS_15 Datasheet HTML 1Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 2Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 3Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 4Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 5Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 6Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 7Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 8Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Mar. 2002
SUPPLY
VOLTAGE
TIME
TIME
TIME
MAIN CURRENT
MAIN
VOLTAGE
(di/dt)c
VD
(dv/dt)c
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR10CS
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
✽2. Measurement using the gate trigger characteristics measurement circuit.
✽3. Case temperature is measured at the T2 terminal 1.5mm away from the molded case.
✽4. The contact thermal resistance Rth (c-f) in case of greasing is 1.0
°C/W.
✽5. Test conditions of the critical-rate of rise of off-state commutating voltage is shown in the table below.
Test conditions
Commutating voltage and current waveforms
(inductive load)
1. Junction temperature
Tj=125
°C
2. Rate of decay of on-state commutating current
(di/dt)c=–5.0A/ms
3. Peak off-state voltage
VD=400V
Symbol
IDRM
VTM
VFGT !
VRGT !
VRGT #
IFGT !
IRGT !
IRGT #
VGD
Rth (j-c)
(dv/dt)c
Parameter
Repetitive peak off-state current
On-state voltage
Gate trigger voltage ✽2
Gate trigger current ✽2
Gate non-trigger voltage
Thermal resistance
Critical-rate of rise of off-state
commutating voltage
Test conditions
Tj=125
°C, VDRM applied
Tc=25
°C, ITM=15A, Instantaneous measurement
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=125
°C, VD=1/2VDRM
Junction to case ✽3 ✽4
Tj=125
°C
Unit
mA
V
V
V
V
mA
mA
mA
V
°C/W
V/
µs
Typ.
—
—
—
—
—
—
—
—
—
—
—
!
@
#
!
@
#
ELECTRICAL CHARACTERISTICS
Limits
Min.
—
—
—
—
—
—
—
—
0.2
—
10
Max.
2.0
1.5
1.5
1.5
1.5
20
20
20
—
1.8
—
PERFORMANCE CURVES
Refer to the page 6 as to the product guaranteed
maximum junction temperature 150
°C
100
23
5 7 101
40
30
20
10
23
5 7 102
44
50
60
70
80
90
100
0
3.8
0.6
1.4
2.2
3.0
1.0
1.8
2.6
3.4
102
7
5
3
2
101
7
5
3
2
100
7
5
3
2
10–1
Tj = 125
°C
Tj = 25
°C
MAXIMUM ON-STATE CHARACTERISTICS
ON-STATE VOLTAGE (V)
RATED SURGE ON-STATE CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
✽5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com