Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR10CS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # BCR10CS
Description  MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR10CS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button BCR10CS_15 Datasheet HTML 5Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 6Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 7Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 8Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 9Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 10Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 11Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 12Page - Renesas Technology Corp BCR10CS_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Mar. 2002
23
1
4
TYPE
NAME
VOLTAGE
CLASS
10.5 MAX
5
1
0.8
4.5
1.3
0.5
0
+0.3
–0
OUTLINE DRAWING
Dimensions
in mm
TO-220S
24
1
3
1
2
3
4
T1 TERMINAL
T2 TERMINAL
GATE TERMINAL
T2 TERMINAL
Measurement
point of case
temperature
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR10CS
MEDIUM POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
APPLICATION
Contactless AC switches, light drimmer, electric flasher unit,
control of household equipment such as TV sets · stereo · refrigerator · washing machine ·
infrared kotatsu · carpet · electric fan, solenoid drivers, small motor control,
copying machine, electric tool, other general purpose control applications
(Warning)
1. Refer to the recommended circuit values around the triac before using.
2. Be sure to exchange the specification before using. If not exchanged, general triacs will be supplied.
BCR10CS
• IT (RMS) ...................................................................... 10A
• VDRM ....................................................................... 600V
• IFGT !, IRGT !, IRGT # ............................................ 20mA
Symbol
VDRM
VDSM
Parameter
Repetitive peak off-state voltage ✽1
Non-repetitive peak off-state voltage ✽1
Voltage class
Unit
V
V
MAXIMUM RATINGS
12
600
720
Symbol
IT (RMS)
ITSM
I2t
PGM
PG (AV)
VGM
IGM
Tj
Tstg
Parameter
RMS on-state current
Surge on-state current
I2t for fusing
Peak gate power dissipation
Average gate power dissipation
Peak gate voltage
Peak gate current
Junction temperature
Storage temperature
Weight
Conditions
Commercial frequency, sine full wave 360
° conduction, Tc=128°C✽3
60Hz sinewave 1 full cycle, peak value, non-repetitive
Value corresponding to 1 cycle of half wave 60Hz, surge on-state
current
Typical value
Unit
A
A
A2s
W
W
V
A
°C
°C
g
Ratings
10
100
41.6
5
0.5
10
2
–40 ~ +150
–40 ~ +150
1.2
✽1. Gate open.
The product guaranteed maximum junction
temperature 150
°C (See warning.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com