Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4853 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK4853
Description  Full Three Phase Bridge Configuration with SCR/IGBT Brake
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4853 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK4853_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4853_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4853_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4853_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4853_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4853_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4853_15 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4853_15 Datasheet HTML 8Page - M.S. Kennedy Corporation MSK4853_15 Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
APPLICATION NOTES
3
Power dissipation and maximum allowable temperature rise involve many variables working together. Collector current,
PWM duty cycle and switching frequency all factor into power dissipation. DC losses or "ON-TIME" losses are simply
VCE(SAT) x Collector Current x PWM duty cycle. For the MSK4853, VCE(SAT)=1.9V max., and at 150 amps and a PWM duty
cycle of 30%, DC losses equal 86 watts. Switching losses, in milli-joules, vary proportionally with switching frequency. The
MSK4853 typical switching losses at VCE=300V and ICE=150A are about 9mJ, which is simply the sum of the turn-on switching
loss and the turn-off switching loss. Multiplying the switching frequency times the switching losses will result in a power
dissipation number for switching. The MSK4853, at 15KHz, will exhibit switching power dissipation of 135 watts. The total
losses are the sum of DC losses plus switching losses, or in this case, 221 watts total.
221 watts x 0.26°C/W thermal resistance equals 57.5 degrees of temperature rise between the case and the junction.
Subtracting 57.5°C from the maximum junction temperature of 150°C equals 92.5°C maximum case temperature for this
example.
VCE(SAT) x IC x PWM duty cycle = 1.9V x 150 amps x 30% = 86 watts DC losses
Turn-on switching loss + Turn-off switching loss = Total switching losses = 2.5mJ + 6.5mJ = 9mJ
Total switching loss x PWM frequency = Total switching power dissipation = 9mJ x 15KHz = 135 watts
Total power dissipation = DC losses + switching losses = 86 + 135 = 221 watts
Junction temperature rise above case = Total power dissipation x thermal resistance
221 watts x 0.26°C/W = 57.5°C temperature rise above case
Maximum junction temperature - junction temperature rise = maximum baseplate temperature
150°C - 57.5°C = 92.5°C
THERMAL CALCULATIONS
8548-20 Rev. F 12/14



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com