Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK4853 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4853
Description  Full Three Phase Bridge Configuration with SCR/IGBT Brake
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4853 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4853_15 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4853_15 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4853_15 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4853_15 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4853_15 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4853_15 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4853_15 Datasheet HTML 7Page - M.S. Kennedy Corporation MSK4853_15 Datasheet HTML 8Page - M.S. Kennedy Corporation MSK4853_15 Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4853
FEATURES:
Replaces MSK4850
Full Three Phase Bridge Configuration with SCR/IGBT Brake
600V Rated Voltage
150A Continuous Output Current
Internal Zener Clamps on Gates
Proprietary Encapsulation Provides Near Hermetic Performance
HI-REL Screening Available (Modified 38534)
Light Weight Domed ALSIC Baseplate
Robust Mechanical Design for Hi-Rel Applications
Ultra-Low Inductance Internal Layout
Withstands 96 Hours HAST and Thermal Cycling (-55°C to +125°C)
600V/150A
THREE PHASE BRIDGE
PEM WITH BRAKE
EQUIVALENT SCHEMATIC
DESCRIPTION:
The MSK4853 is one of a family of plastic encapsulated modules (PEM) developed specifically for use in military, aerospace
and other severe environment applications. The Three Phase Bridge configuration along with the SCR/IGBT brake circuit and
600 volt/150 Amp rating make it ideal for use in high current motor drive and inverter applications. The Aluminum Silicon Carbide
(AlSiC) baseplate offers superior flatness and light weight; far better than the copper or copper alloys found in most high power
plastic modules. The high thermal conductivity materials used to construct the MSK4853 allow high power outputs at elevated
baseplate temperatures. Our proprietary coating, SEES™ - Severe Environment Encapsulation System - protects the internal
circuitry of MSK PEM's from moisture and contamination, allowing them to pass the rugged environmental screening require-
ments of military and aerospace applications. MSK PEM's are also available with industry standard silicone gel coatings for a
lower cost option.
TYPICAL APPLICATIONS
1
Motor Drives
Inverters
8548-20 Rev. F 12/14
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY


Similar Part No. - MSK4853_15

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4850 MSK-MSK4850 Datasheet
849Kb / 5P
600V/150A THREE PHASE BRIDGE PEM WITH BRAKE
MSK4850E MSK-MSK4850E Datasheet
849Kb / 5P
600V/150A THREE PHASE BRIDGE PEM WITH BRAKE
MSK4850H MSK-MSK4850H Datasheet
849Kb / 5P
600V/150A THREE PHASE BRIDGE PEM WITH BRAKE
MSK4850 MSK-MSK4850_15 Datasheet
768Kb / 7P
Full Three Phase Bridge Configuration with SCR/IGBT Brake
MSK4851 MSK-MSK4851 Datasheet
867Kb / 5P
600V/200A THREE PHASE BRIDGE PEM WITH BRAKE
More results

Similar Description - MSK4853_15

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUB72 IXYS-VUB72 Datasheet
89Kb / 4P
Three Phase Rectifier Bridge With Brake Chopper
logo
M.S. Kennedy Corporatio...
MSK4850H MSK-MSK4850H Datasheet
849Kb / 5P
600V/150A THREE PHASE BRIDGE PEM WITH BRAKE
MSK4851H MSK-MSK4851H Datasheet
867Kb / 5P
600V/200A THREE PHASE BRIDGE PEM WITH BRAKE
MSK4852H MSK-MSK4852H Datasheet
792Kb / 5P
1200V/150A THREE PHASE BRIDGE PEM WITH BRAKE
logo
IXYS Corporation
VUB72-16NOXT IXYS-VUB72-16NOXT Datasheet
376Kb / 7P
Three Phase Rectifier Bridge with Brake Chopper
logo
M.S. Kennedy Corporatio...
MSK4850 MSK-MSK4850_15 Datasheet
768Kb / 7P
Full Three Phase Bridge Configuration with SCR/IGBT Brake
MSK4852 MSK-MSK4852_15 Datasheet
1Mb / 8P
Full Three Phase Bridge Configuration with SCR/IGBT Brake
MSK4854 MSK-MSK4854_15 Datasheet
941Kb / 8P
Full Three Phase Bridge Configuration with SCR/IGBT Brake
logo
Anaren Microwave
MSK4852 ANAREN-MSK4852 Datasheet
1Mb / 8P
1200V/150A THREE PHASE BRIDGE PEM WITH BRAKE
logo
IXYS Corporation
VWM270-0075X2 IXYS-VWM270-0075X2 Datasheet
440Kb / 6P
Three phase full bridge with Trench MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com