Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4075 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4075
Description  STEVAL-IFP016V2 IO-Link communication master transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4075 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4075 Datasheet HTML 9Page - STMicroelectronics AN4075 Datasheet HTML 10Page - STMicroelectronics AN4075 Datasheet HTML 11Page - STMicroelectronics AN4075 Datasheet HTML 12Page - STMicroelectronics AN4075 Datasheet HTML 13Page - STMicroelectronics AN4075 Datasheet HTML 14Page - STMicroelectronics AN4075 Datasheet HTML 15Page - STMicroelectronics AN4075 Datasheet HTML 16Page - STMicroelectronics AN4075 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AN4075
Using STEVAL-IFP016V2
Doc ID 022954 Rev 1
13/23
3
Using STEVAL-IFP016V2
The STEVAL-IFP016V2 board can be used in combination with the STEVAL-PCC009V2 or
STEVAL-PCC009V1 demonstration board.
IC inputs can be controlled by the STEVAL-PCC009V2/1 or set by the hardware using
jumpers on the board.
The CON1 connector is used to supply the board. Supply voltage should be connected to
the VCC pin. Linear regulator input voltage VH can be connected directly to VCC using
jumper J4. If J4 is open, the VH voltage must be kept below the VCC value.
The 3.3 V or 5 V voltage for logic inputs and for the reference voltage is obtained from the
linear regulator output VDD. It is possible to select 3.3 V or 5 V using jumper J6.
Jumpers J3, J5 and J7 allow I2C interface address configuration.
CON2 is used to provide input/output voltages from/to external circuits. The C/Q channel is
used for communication (transceiver line), L+ is used to supply an IO-Link device, L- is
shorted to GND and the I/Q channel is used as an additional input (communication) line.
3.1
Connection to the STEVAL-PCC009V2 or STEVAL-PCC009V1
demonstration board
The complete evaluation kit, apart from STEVAL-IFP016V2 also in the communication
board, is used to program the IC and to control UART communication.
A GUI interface is used to configure the L6360 IC through the communication board.
3.2
Basic supply protection circuit
A cost-effective supply voltage protection has been implemented, while reverse-polarity
protection has not.
Supply overvoltage protection is provided by the TR1 diode. It works as a primary
overvoltage clamp to limit supply line distortions - like surge pulses or oscillations caused by
line parasitic parameters (inductance) during the plug-in phase, for example. The rating of
1500 W is recommended to provide reliable protection. A unidirectional Transil must be used
to avoid negative stress on the L6360.
An energy buffer filters the application supply to avoid high ripple during power driver
switching, etc. C3 is used as the filtering bulk capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com