Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4075 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4075
Description  STEVAL-IFP016V2 IO-Link communication master transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4075 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4075 Datasheet HTML 15Page - STMicroelectronics AN4075 Datasheet HTML 16Page - STMicroelectronics AN4075 Datasheet HTML 17Page - STMicroelectronics AN4075 Datasheet HTML 18Page - STMicroelectronics AN4075 Datasheet HTML 19Page - STMicroelectronics AN4075 Datasheet HTML 20Page - STMicroelectronics AN4075 Datasheet HTML 21Page - STMicroelectronics AN4075 Datasheet HTML 22Page - STMicroelectronics AN4075 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AN4075
Application EMC immunity
Doc ID 022954 Rev 1
21/23
4.3.5
Conclusion
Immunity of different L6360 pins was evaluated and the external protection circuit adjusted
accordingly. The protection circuit which showed the best EMC performance is used in the
STEVAL-IFP016V2 application.
C/Q transceiver
The C/QI and C/QO pins should be protected against negative overvoltages (higher than
approximately 1.5 V) during the surge test. If the negative pulse is higher than the
mentioned value, the internal structure can be damaged. It is recommended to short both
pins together and protect them with a low VF drop Schottky diode (e.g. STPS1L40),
a 560 pF ceramic capacitor and one diode of SPT01-335DEE array.
I/Q receiver
The I/Q pin should be protected in a similar way against negative overvoltages. Tests
showed positive immunity results when using an external low VF Schottky diode
(STPS1L40), a 15
Ω resistor in series, a 560 nF capacitor and one diode of SPT01-335DEE
array. When a 15
Ω resistor is omitted, the chip fails at -2 kV CM surge pulse amplitude.
L+ driver
Protecting the L+ pin with a 100 nF ceramic capacitor and one diode of SPT01-335DEE
array showed sufficient immunity against 2.5 kV CM / 1 kV DM surge pulses.
Supply (VCC, L- / GND)
External protection circuits in the application provide sufficient immunity against surge
pulses (CM/DM) applied to supply lines. Even 2.5 kV surge pulses did not cause
degradation of the L6360 IC.
Table 8.
Application supply surge immunity CM, DM
Surge test signal amplitude, test result at polarity (+ / -)
Applied to:
500 V
1 kV
1.5 kV
2 kV
2.5 kV
VCC vs. earth (CM)
- / -
- / -
- / -
- / -
A(1) / A(1)
1.
The values of the L6360 internal registers did not change.
VCCvs L- (DM)
A(1) / B(2)
2.
The L6360 registers were reset and IRQ signal activated.
B(2) / B(2)
B(2) / B(2)
B(2) / B(2)
B(2) / B(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com