Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4106 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4106
Description  This document describes a 12 V-1 A power supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4106 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4106 Datasheet HTML 9Page - STMicroelectronics AN4106 Datasheet HTML 10Page - STMicroelectronics AN4106 Datasheet HTML 11Page - STMicroelectronics AN4106 Datasheet HTML 12Page - STMicroelectronics AN4106 Datasheet HTML 13Page - STMicroelectronics AN4106 Datasheet HTML 14Page - STMicroelectronics AN4106 Datasheet HTML 15Page - STMicroelectronics AN4106 Datasheet HTML 16Page - STMicroelectronics AN4106 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
AN4106
Testing the board
Doc ID 023156 Rev 1
13/39
5
Testing the board
5.1
Typical waveforms
Drain voltage and current waveforms in full load condition are shown for the two nominal
input voltages in
Figure 8 and 9, and for minimum and maximum input voltage in Figure 10
and
11 respectively.
Figure 8.
Drain current and voltage at
VIN = 115 VAC, full load
Figure 9.
Drain current and voltage at
VIN = 230 VAC, full load
AM11553v1
AM11554v1
Figure 10.
Drain current and voltage at
VIN =90 VAC, full load
Figure 11.
Drain current and voltage at
VIN = 265 VAC, full load
AM11555v1
AM11556v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com