Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4106 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4106
Description  This document describes a 12 V-1 A power supply
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4106 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4106 Datasheet HTML 17Page - STMicroelectronics AN4106 Datasheet HTML 18Page - STMicroelectronics AN4106 Datasheet HTML 19Page - STMicroelectronics AN4106 Datasheet HTML 20Page - STMicroelectronics AN4106 Datasheet HTML 21Page - STMicroelectronics AN4106 Datasheet HTML 22Page - STMicroelectronics AN4106 Datasheet HTML 23Page - STMicroelectronics AN4106 Datasheet HTML 24Page - STMicroelectronics AN4106 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
AN4106
Light load performance
Doc ID 023156 Rev 1
21/39
Figure 22.
Efficiency at PIN = 1 W
Another requirement (EuP lot 6) is that the input power should be less than 500 mW when
the converter is loaded with 250 mW. The converter can satisfy even this requirement, as
shown in
Figure 23.
Figure 23.
PIN at POUT = 0.25 W
180
1
0.801
80.1
230
1
0.766
76.6
265
1
0.753
75.3
Table 11.
POUT @ PIN = 1 W
VIN [VAC]PIN (W)
POUT (W)
Efficiency (%)
AM11571v1
50
55
60
65
70
75
80
85
90
80
110
140
170
200
230260
VIN[VAC]
AM11571v2
0.25
0.3
0.35
0.4
0.45
0.5
80
110
140
170
200
230260
Vin[V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com