Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0756 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0756
Description  STEVAL-ICB003V1 front panel demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0756 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0756 Datasheet HTML 9Page - STMicroelectronics UM0756 Datasheet HTML 10Page - STMicroelectronics UM0756 Datasheet HTML 11Page - STMicroelectronics UM0756 Datasheet HTML 12Page - STMicroelectronics UM0756 Datasheet HTML 13Page - STMicroelectronics UM0756 Datasheet HTML 14Page - STMicroelectronics UM0756 Datasheet HTML 15Page - STMicroelectronics UM0756 Datasheet HTML 16Page - STMicroelectronics UM0756 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
UM0756
Using the front panel board
Doc ID 16031 Rev 1
13/28
Figure 8.
Message display when the MENU/BRGH key is pressed
4.1.6
Demo mode
This key is used to put the system into demo mode. In this mode the system demonstrates
the capability of the STLED316S device to vary the brightness of the individual LED DIGIT
output to a different brightness level.
In this mode, the system displays two messages in sequence:
When message "8881" is displayed on the LED display, the LED digits glow with the
same brightness (Figure 9).
When message "8882" is displayed on the LED display, the LED digits glow with a
different brightness (Figure 10).
The system remains in demo mode and messages are displayed in sequence until any other
key is touched.
4.1.7
WSENSOR
The system has the capability to measure the output of the water level sensor to determine
water level. When the WSENSOR key is touched, the present water level is displayed on the
LED display (for details refer to Section 4.3.1).
The display is changed to the default display after 5 seconds.
Figure 9.
Demo mode message: same
brightness
Figure 10.
Demo mode message: different
brightness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com