Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0756 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0756
Description  STEVAL-ICB003V1 front panel demonstration board
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0756 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0756 Datasheet HTML 19Page - STMicroelectronics UM0756 Datasheet HTML 20Page - STMicroelectronics UM0756 Datasheet HTML 21Page - STMicroelectronics UM0756 Datasheet HTML 22Page - STMicroelectronics UM0756 Datasheet HTML 23Page - STMicroelectronics UM0756 Datasheet HTML 24Page - STMicroelectronics UM0756 Datasheet HTML 25Page - STMicroelectronics UM0756 Datasheet HTML 26Page - STMicroelectronics UM0756 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
UM0756
Schematics diagrams and bill of material
Doc ID 16031 Rev 1
23/28
Table 7.
Bill or material
Cat.
S.
no.
Ref.
designator
Component
descr.
Package
Manuf.
Orderable
part no.
Supplier
Supplier
order code
Qty
ST
devices
1U1
STM8
microcont.
LQFP
ST
STM8S207K
6T6C
ST
STM8S207K
6T6C
1
2U2
STMPE121
8S/touch
key
controller
QFN40
ST
STMPE1208
SQTR
ST
STMPE1208
SQTR
1
3U3
HCF4020M
013TR/
counter
SO-16
ST
HCF4020M0
13TR
ST
HCF4020M0
13TR
1
4U8
STLED316S
/LED driver
SO-20
ST
STLED316S
MTR
ST
STLED316S
MTR
1
5U9
LD1117V50
/regulator
TO-220
ST
LD1117V50
ST
LD1117V50
1
6U10
M74HC74R
M13TR, flip-
flop
SO-16
ST
M74HC74RM
13TR
ST
M74HC74R
M13TR
1
7D1, D13
STPSIL30A/
Schottky
diode
SMA
ST
STPS1L30A
ST
STPS1L30A
2
8
D3,D14,
D15, D16
BAT54
signal diode
SOD323
ST
BAT54JFILM
ST
BAT54JFILM
4
9
Q1,Q2,Q3
2STR1215
small signal
BJT
SOT23
ST
2STR1215
ST
2STR1215
3
Connecto
rs and
jumpers
10
J1, 6
3 pin WAGO
5 mm
pitch
Panasonic
ECG
PA001-3 or
equivalent
Farnell
1357319
2
11
J2
4 pin SWIM
connector
SMD with
mm pitch
ERNI
284697
ERNI
284697
1
12
J3
6 x 2 pin DIL
Berg
2.5 mm
pitch
Any
1
13
J4
Power jack
6 mm
Cliff
Electronic
Comp.
DC10B or
equivalent
Farnell
224960
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com