Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0855 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0855
Description  Demonstration kit for single
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0855 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0855 Datasheet HTML 24Page - STMicroelectronics UM0855 Datasheet HTML 25Page - STMicroelectronics UM0855 Datasheet HTML 26Page - STMicroelectronics UM0855 Datasheet HTML 27Page - STMicroelectronics UM0855 Datasheet HTML 28Page - STMicroelectronics UM0855 Datasheet HTML 29Page - STMicroelectronics UM0855 Datasheet HTML 30Page - STMicroelectronics UM0855 Datasheet HTML 31Page - STMicroelectronics UM0855 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
DFU
UM0855
28/35
Doc ID 16617 Rev 1
8
DFU
The MEMS DFU (device firmware update) GUI is a graphical interface that allows the user
to download and replace the firmware of a MEMS demonstration board, directly from a PC,
through the USB port.
MEMS demonstration boards that mount an ST72651AR6 microcontroller can reprogram an
application via USB, in accordance with the DFU class specification defined by the USB
Implementers Forum (USB-IF). This capability is useful because it allows the
reprogramming of the microcontroller directly in the field and is particularly well-suited for
USB applications where the same USB connector can be used both for standard operating
mode and for the reprogramming process.
Connector J4 must be shorted to allow the DFU procedure. If the demonstration kit is to be
reprogrammed through the ICP (in-circuit programming) connector and the ST7 dedicated
tools, J4 must be open.
8.1
PC requirements
In order to use the device firmware upgrade (DFU) software with the Windows operating
system, a recent version of Windows (such as Windows 98, Windows 98SE, Windows
Millennium, Windows 2000 or Windows XP) must be installed on the PC.
8.2
DFU procedure
Run the DFU.exe file. To enter the firmware update mode the user must plug the USB cable
into the demonstration kit while pressing the sw2 button on the board (
Figure 3, ref 12).
Figure 18 shows the window displayed when the board has been properly detected.
Figure 18.
Demonstration kit correctly recognized
The DFU driver must be installed before using this feature. The driver can be found in
“firmwareupdate.zip” in the driver installation folder of the demonstration kit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com