Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0855 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0855
Description  Demonstration kit for single
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0855 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0855 Datasheet HTML 27Page - STMicroelectronics UM0855 Datasheet HTML 28Page - STMicroelectronics UM0855 Datasheet HTML 29Page - STMicroelectronics UM0855 Datasheet HTML 30Page - STMicroelectronics UM0855 Datasheet HTML 31Page - STMicroelectronics UM0855 Datasheet HTML 32Page - STMicroelectronics UM0855 Datasheet HTML 33Page - STMicroelectronics UM0855 Datasheet HTML 34Page - STMicroelectronics UM0855 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Bill of materials
UM0855
32/35
Doc ID 16617 Rev 1
10
Bill of materials
The bill of materials for the STEVAL-MKI0xxV1 demonstration kit is provided in the table
below.
Table 6.
Bill of materials
Designator
Description
Comment
Footprint
C1
Capacitor
10 µF
C1206_POL
C2
4 µF
C1206_POL
C3
4 µF
C1206_POL
C4
100 nF
0805
C5
100 nF
0805
C6
100 nF
0805
C7
100 nF
0805
C8
47 nF
0805
C9
220 nF
0805
C10
10 µF
C1206_POL
C11
100 nF
0805
C12
100 nF
0805
C13
10 µF
C1206_POL
C14
220 nF
0805
C15
220 nF
0805
C16
4 µF, 16 V
C1206_POL
C17
4 µF, 16 V
C1206_POL
C18
2µ2
C1206_POL
C19
100 nF
0805
C20
470 nF
0805
C21
10 nF
0805
C22
4 µF
0805
C23
4 µF
0805
C24
2n2
0805
C25
2n2
0805
Cosc1
33 pF
0805
Cosc2
33 pF
0805
D1
LED
SMD_LED green
LED_SMD_0805
D2
SMD_LED 3C
LED_SMD_3C
J1
USB connector
USB_mini_B
USB_mini_B
J3
Header 8
Header 1x4
Header 1x4 2mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com