Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3728 Datasheet(PDF) 13 Page - NEC

Part # UPD3728
Description  7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3728 Datasheet(HTML) 13 Page - NEC

Back Button UPD3728 Datasheet HTML 9Page - NEC UPD3728 Datasheet HTML 10Page - NEC UPD3728 Datasheet HTML 11Page - NEC UPD3728 Datasheet HTML 12Page - NEC UPD3728 Datasheet HTML 13Page - NEC UPD3728 Datasheet HTML 14Page - NEC UPD3728 Datasheet HTML 15Page - NEC UPD3728 Datasheet HTML 16Page - NEC UPD3728 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
µPD3728
13
DATA SHEET S13878EJ1V0DS00
TIMING CHART 6 (Line clamp mode, for each color)
Symbol
MIN.
TYP.
MAX.
Unit
t12
3000
10000
ns
t13, t14
0
50
ns
t15, t16
900
1000
ns
t17, t18
100
1000
ns
t19
200
t12
ns
t20, t21
0
20
ns
Note
Set the
φRB to high level during this period.
Remark
Inverse pulse of the
φTG1 to φTG3 can be used as φCLB.
φ1 (φ10), φ2 (φ20) cross points
φ1L, φ2 (φ20) cross points
Remark
Adjust cross points (
φ1 (φ10), φ2 (φ20)) and (φ1L, φ2 (φ20)) with input resistance of each pin.
2 ( 20)
1 ( 10)
2 ( 20)
2 V or more
2 V or more
φ
φφ
φ
φ
φ
φ
1L
2 V or more
0.5 V or more
TG1 to TG3
1 ( 10)
2 ( 20)
1L
RB
CLB
t12
Note
t14
t13
90 %
10 %
90 %
10 %
t15
t20
t21
t18
t17
90 %
90 %
t19
t16
φ
φ
φ
φ
φ
φ
φ
φ
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com