Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD3728 Datasheet(PDF) 21 Page - NEC

Part # UPD3728
Description  7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3728 Datasheet(HTML) 21 Page - NEC

Back Button UPD3728 Datasheet HTML 16Page - NEC UPD3728 Datasheet HTML 17Page - NEC UPD3728 Datasheet HTML 18Page - NEC UPD3728 Datasheet HTML 19Page - NEC UPD3728 Datasheet HTML 20Page - NEC UPD3728 Datasheet HTML 21Page - NEC UPD3728 Datasheet HTML 22Page - NEC UPD3728 Datasheet HTML 23Page - NEC UPD3728 Datasheet HTML 24Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
µPD3728
21
DATA SHEET S13878EJ1V0DS00
NOTES ON THE USE OF THE PACKAGE
The application of an excessive load to the package may cause the package to warp or break, or cause chips to
come off internally. Particular care should be taken when mounting the package on the circuit board.
When mounting the package, use a circuit board which will not subject the package to bending stress, or use a
socket.
For this product, the reference value for the three-point bending strengthNote is 30 kg. Avoid imposing a load,
however, on the inside portion as viewed from the face on which the window (glass) is bonded to the package body
(ceramic).
Note
Three-point bending strength test
Distance between supports: 70 mm, Support R: R 2 mm, Loading rate: 0.5 mm / min.
Load
Load
70 mm
70 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com