Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1389 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1389
Description  Nanopower Precision Shunt Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1389 Datasheet(HTML) 1 Page - Linear Technology

  LT1389 Datasheet HTML 1Page - Linear Technology LT1389 Datasheet HTML 2Page - Linear Technology LT1389 Datasheet HTML 3Page - Linear Technology LT1389 Datasheet HTML 4Page - Linear Technology LT1389 Datasheet HTML 5Page - Linear Technology LT1389 Datasheet HTML 6Page - Linear Technology LT1389 Datasheet HTML 7Page - Linear Technology LT1389 Datasheet HTML 8Page - Linear Technology LT1389 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1389
Nanopower Precision
Shunt Voltage Reference
s
Initial Voltage Accuracy: 0.05%
s
Low Operating Current: 800nA
s
Low Drift: 10ppm/
°C Max
s
Less Than 1
Ω Dynamic Impedance
s
Available in 1.25V, 2.5V, 4.096V and
5V SO-8 Packages
The LT
®1389 is a nanopower, precision shunt voltage
reference. The bandgap reference uses trimmed preci-
sion thin-film resistors and improved curvature correction
techniques to achieve 0.05% initial voltage accuracy with
guaranteed 10ppm/
°C maximum temperature drift. Volt-
age regulation is maintained to an ultralow 800nA operating
current. Advances in design, processing and packaging
achieve low temperature cycling hysteresis.
The LT1389 does not require an output compensation
capacitor, but is stable with capacitive loads. Low dy-
namic impedance makes the LT1389 reference easy to
use from unregulated supplies.
The LT1389 reference can be used as a high performance
upgrade to the LM185/LM385, LT1004, LT1034 and
LT1634 where lowest power and guaranteed tempera-
ture drift are required.
s
Portable Meters
s
Precision Regulators
s
A/D and D/A Converters
s
Calibrators
5V
4.7M
LT1389-1.25
1389 TA01
VOUT
1.25V
TEMPERATURE (
°C)
0
1.5
30
1389 TA02
0
–1.0
10
20
40
–1.5
– 2.0
2.0
1.0
0.5
– 0.5
50
60
70
IR = 0.8µA
VOUT = 1.25V
Temperature Drift
, LTC and LT are registered trademarks of Linear Technology Corporation.
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1389

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1389 LINER-LT1389 Datasheet
204Kb / 12P
Nanopower Precision Shunt Voltage Reference
LT1389 LINER-LT1389 Datasheet
405Kb / 18P
Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LT1389 LINER-LT1389 Datasheet
162Kb / 8P
Ultra Precision Reference
LT1389 LINER-LT1389 Datasheet
179Kb / 20P
Energy Harvesting DC/DC with Battery Backup Low Noise LDO Post Regulator
LT1389ACS8-1.25 LINER-LT1389ACS8-1.25 Datasheet
204Kb / 12P
Nanopower Precision Shunt Voltage Reference
More results

Similar Description - LT1389

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Semtech Corporation
SC1004 SEMTECH-SC1004 Datasheet
60Kb / 3P
PRECISION SHUNT VOLTAGE REFERENCE
SC4040 SEMTECH-SC4040 Datasheet
99Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
logo
Linear Technology
LT1389 LINER-LT1389 Datasheet
204Kb / 12P
Nanopower Precision Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
Precision adjustable shunt voltage reference
VER 1.2
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
Precision adjustable shunt voltage reference
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com