Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5213 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5213
Description  Internal Thermal Overload Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5213 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5213 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5213 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5213 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5213 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5213 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5213 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
%
%
V
V
%
%
%
%
°C/W
%
%
V
V
%
%
%
%
°C/W
PART
NUMBER
POSITIVE OUTPUT REGULATORS:
Output Voltage Tolerance
Dropout Voltage
Load Regulation
Line Regulation
Thermal Resistance
NEGATIVE OUTPUT REGULATORS:
Output Voltage Tolerance
Dropout Voltage
Load Regulation
Line Regulation
Thermal Resistance
Max.
±1.0
±3.0
3.0
3.0
±2.0
±2.5
±1.5
±2.5
13.5
±1.0
±3.0
3.0
3.0
±2.0
±2.5
±1.5
±2.5
14.5
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK 5211-5214
MSK 5211-5214H
+40VDC
-40VDC
Internally Limited
1.5A
1.5A
+150°C
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
+Input Voltage (VIN-VOUT)
-Input Voltage (VIN-VOUT)
Power Dissipation
+Output Current
-Output Current
Junction Temperature
+VIN
-VIN
PD
+IOUT
-IOUT
TJ
Guaranteed by design but not tested. Typical parameters are representative of actual device
performance but are for reference only.
Industrial devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices shall be 100% tested to subgroups 1,2 and 3.
Subgroup 1
TA=TC=+25°C
Subgroup 2
TA=TC=+125°C
Subgroup 3
TA=TC=-55°C
Please consult the factory if alternate output voltages are required.
For positive regulator, output decoupled to ground using 1μF minimum tantalum capacitor unless
otherwise specified. For negative regulator, output decoupled to ground using 1μF minimum
tantanlum capacitor.
Continuous operation at or above absolute maximum ratings may adversly effect the device
performance and/or life cycle.
Min.
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
1
2,3
1
2,3
1
2,3
1
2,3
-
1
2,3
1
2,3
1
2,3
1
2,3
-
Min.
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Typ.
±0.2
±0.8
1.6
1.9
±0.2
±0.4
±0.6
±1.0
12.5
±0.2
±0.8
1.9
1.5
±0.2
±0.4
±0.1
±0.2
13.5
Typ.
±0.2
-
1.6
-
±0.2
-
±0.6
-
12.5
±0.2
-
1.9
-
±0.2
-
±0.1
-
13.5
Max.
±1.5
-
3.5
-
±2.5
-
±2.0
-
14.0
±1.5
-
3.0
-
±2.5
-
±2.0
-
15.0
Parameter
ELECTRICAL SPECIFICATIONS
Test Conditions
Units
MSK 521X
MSK 521X H
IOUT=10mA; VIN=VOUT+3V
IOUT=0.5A; ΔVOUT=1%
10mA≤IOUT≤0.5A
VIN=VOUT+3V
IOUT=10mA
VOUT+3V≤VIN≤35V
JUNCTION TO CASE @ 125°C
IOUT=10mA; VIN=VOUT -3V
IOUT=0.5A; ΔVOUT=1%
10mA≤IOUT≤0.5A
VIN=VOUT -3V
IOUT=10mA
-35V≤VIN≤VOUT-3V
JUNCTION TO CASE @ 125°C
5.0
10.0
12.0
15.0
MSK5211
MSK5212
MSK5213
MSK5214
5.0
10.0
12.0
15.0
OUTPUT VOLTAGES
POSITIVE
NEGATIVE
5
1
2
3
4
5
6
7
2
NOTES:
1
4
3
2
1
Group A
Subgroup
7
8548-76 Rev. B 10/12



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com