Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK5213 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5213
Description  Internal Thermal Overload Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5213 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5213 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5213 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5213 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5213 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5213 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5213 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
Internal Thermal Overload Protection
Output Current to 1.5 Amps
Output Voltage Internally Trimmed to ±1% Accuracy
Electrically Isolated Case
Lead Form Options: Straight and Gull Wing
Alternate Voltage Combinations Available
Functionally Equivalent 50K Rad Hard Device MSK 5901RH
Functionally Equivalent 100K Rad Hard Device MSK 5911RH
Contact MSKfor MIL-PRF-38534 Qualification Status
Switching Power Supply Post Regulators
Constant Voltage/Current Regulators
High Efficiency Linear Regulators
System Power Supplies
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
-VRTN
-VOUT
-VOUT
-VOUT
-VOUT
+VRTN
+VOUT
+VOUT
+VOUT
+VOUT
5211
SERIES
DUAL +/-
VOLTAGE REGULATOR
DESCRIPTION:
The MSK 5211 series are dual +/- voltage regulators offering excellent output accuracy to ±1% maximum. Excellent
line and load regulation characteristics ensure highly accurate performance. The MSK 5211 series regulators are equipped
with internal thermal overload protection. The devices are packaged in a space efficient 20 pin flatpack with two lead form
options, straight and gull wing.
EQUIVALENT SCHEMATIC
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
1
MSK521X
MSK521XG
20
19
18
17
16
15
14
13
12
11
-VIN
-VIN
-VIN
-VIN
-Ccomp
+Ccomp
+VIN
+VIN
+VIN
+VIN
1
2
3
4
5
6
7
8
9
10
8548-76 Rev. B 10/12
CASE=ISOLATED


Similar Part No. - MSK5213

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5210 MSK-MSK5210 Datasheet
141Kb / 5P
Ultra Low Dropout Voltage
logo
Anaren Microwave
MSK5210 ANAREN-MSK5210 Datasheet
387Kb / 7P
DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5210HZD ANAREN-MSK5210HZD Datasheet
387Kb / 7P
DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5210HZS ANAREN-MSK5210HZS Datasheet
387Kb / 7P
DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5210HZU ANAREN-MSK5210HZU Datasheet
387Kb / 7P
DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
More results

Similar Description - MSK5213

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PPD08120MP6B2 THINKING-PPD08120MP6B2 Datasheet
384Kb / 17P
Overload Protection
logo
M.S. Kennedy Corporatio...
MSK5211 MSK-MSK5211 Datasheet
151Kb / 6P
Internal Thermal Overload Protection
MSK5212 MSK-MSK5212 Datasheet
151Kb / 6P
Internal Thermal Overload Protection
MSK5214 MSK-MSK5214 Datasheet
151Kb / 6P
Internal Thermal Overload Protection
logo
Infineon Technologies A...
BTS307 INFINEON-BTS307_13 Datasheet
374Kb / 12P
Overload protection
2013-10-10
logo
List of Unclassifed Man...
TF65 ETC2-TF65 Datasheet
1Mb / 8P
Thermal overload relay
logo
Inchange Semiconductor ...
LM7805 ISC-LM7805 Datasheet
239Kb / 2P
Internal thermal overload protection
LM7812 ISC-LM7812 Datasheet
240Kb / 2P
Internal thermal overload protection
logo
STMicroelectronics
STEVAL-ISA103V1 STMICROELECTRONICS-STEVAL-ISA103V1 Datasheet
225Kb / 4P
Overload protection
March 2012 Rev 1
L78 STMICROELECTRONICS-L78 Datasheet
2Mb / 54P
Thermal overload protection
28-Nov-2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com