Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1697 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1697
Description  High Efficiency Low Power 1W CCFL Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1697 Datasheet(HTML) 2 Page - Linear Technology

  LTC1697 Datasheet HTML 1Page - Linear Technology LTC1697 Datasheet HTML 2Page - Linear Technology LTC1697 Datasheet HTML 3Page - Linear Technology LTC1697 Datasheet HTML 4Page - Linear Technology LTC1697 Datasheet HTML 5Page - Linear Technology LTC1697 Datasheet HTML 6Page - Linear Technology LTC1697 Datasheet HTML 7Page - Linear Technology LTC1697 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTC1697
1697f
VIN Voltage .................................................. –0.5V to 6V
VC, OVSEN, CDIM, RPROG, SW
Voltages ................................... –0.5V to (VIN + 0.3V)
SHDN, VDIM Pins ......................................... –0.5V to 6V
LAMP Pin ................................................. –0.5V to 0.5V
Operating Temperature Range (Note 5) ...–40°C to 85°C
Storage Temperature Range ..................–65°C to 125°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
MS PART MARKING
TJMAX = 125°C,
θJA = 160°C/W 1 LAYER BOARD
LTZR
LTC1697EMS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Notes 1, 2)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. 2.8V < VIN ≤ 5.5V unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Supply Voltage Range
(Note 2)
●
2.8
5.5
V
VUVLO
Undervoltage Lockout
●
2.77
V
IQ-SHDN
Quiescent Current - SHDN
SHDN = 0V; VDIM = 0V
1
2
µA
IQ-Active
Quiescent Current - Active
VC = 0V, SHDN = VIN = VDIM = 4.2V (Note 4)
0.9
1.5
mA
ILEAK
Switch Leakage
0.1
1
µA
RON
Switch On Resistance
VIN = 4V
0.18
Ω
IMAX
Switch Current Limit
●
0.9
1.6
A
% DC
Duty Cycle
●
095
%
fSWITCH
Switching Frequency
●
240
300
370
kHz
fDIM
Dimming PWM Frequency
CDIM = 0.022µF (Note 3)
●
190
250
310
Hz
VDIM
VDIM Input Voltage
Dimming PWM Duty Cycle = 0%
1.0
V
Dimming PWM Duty Cycle = 100%
2.0
V
IDIM
VDIM Input Bias Current
VDIM = 2V
±1
µA
RLAMP
Internal RLAMP Resistance
LAMP Pin to GND
50
60
Ω
IL(ERROR)
Lamp Current Accuracy
|1– ILAMP(AVG)/(32/6.4k)| • 100% (Note 6)
●
26
%
ILAMP = 5mA
RP(RANGE)
Programming Resistor Range
(Note 10)
●
6.4
16
kΩ
VSHDN-H
SHDN Input High
1.2
V
VSHDN-L
SHDN Input Low (Note 9)
0.4
V
ISHDN
SHDN Input Current
VSHDN = VIN
●
0.1
1
µA
IOVSEN
Overvoltage Sense Protect Current (Note 7)
ILAMP = 5mA, RPROG = 6.4k
●
16.65
21.5
26.35
µA
VOVSEN
Overvoltage Sense Pin Voltage
●
0.95
1.2
1.5
V
VDIM(SD-I)
Passive Shutdown Voltage (Note 8)
●
0.4
V
VDIM(SD-H)
Not in Passive Shutdown
●
1.05
V
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
5
CDIM
VDIM
0VSEN
SW
GND
10
9
8
7
6
SHDN
RPROG
VC
VIN
LAMP
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com