Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1697 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1697
Description  High Efficiency Low Power 1W CCFL Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1697 Datasheet(HTML) 6 Page - Linear Technology

  LTC1697 Datasheet HTML 1Page - Linear Technology LTC1697 Datasheet HTML 2Page - Linear Technology LTC1697 Datasheet HTML 3Page - Linear Technology LTC1697 Datasheet HTML 4Page - Linear Technology LTC1697 Datasheet HTML 5Page - Linear Technology LTC1697 Datasheet HTML 6Page - Linear Technology LTC1697 Datasheet HTML 7Page - Linear Technology LTC1697 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LTC1697
1697f
VDIM pin where DC = 0% at VDIM = 1V and DC = 100% at
VDIM = 2V. If desired, the internal dimming PWM can be
overridden by grounding the CDIM pin and applying the
input PWM signal to the VDIM pin. This external PWM
signal should be in the range of 150Hz to 500Hz.
Lamp Feedback
In a typical application, the LAMP pin is connected to the
low voltage side of the lamp. The lamp pin is internally
connected to ground by a ~50Ω resistor. This resistor will
limit the voltage on the LAMP pin to ±0.35V for a 5mARMS
lamp current. The lamp feedback circuit removes a current
from VC approximating 1/40 of the absolute value of the
current through the 50Ω resistor.
Current Programming Input (RPROG)
The ILAMP current is set with an external resistor con-
nected between this pin and ground. ILAMP = 32V/RPROG.
VC Compensation
The VC node is the point where the lamp feedback current,
the programming current, and the control for the switch-
ing controller meet. A single capacitor must be connected
from the VC pin to ground to compensate the feedback
loop. Careful consideration should be given to the value of
capacitance used. A large value (1µF) will give excellent
stability at high lamp currents but will result in degraded
line regulation. On the other hand, a small value (10nF) will
result in overshoot and poor load regulation. The value
chosen will depend on the maximum load current and
dimming range. After these parameters are decided upon,
the value of the VC capacitor should be increased until the
line regulation becomes unacceptable. A typical value for
the VC capacitor is 0.1µF. For further information on
compensation please refer to Application Note 65 or
consult the factory.
OVSEN Operation
The OVSEN pin can be used to protect the high voltage
transformer from an overvoltage condition that can occur
when the lamp is open or not present. Connect this pin
through a resistor to the emitters of the drive transistors
of the Royer oscillator. The voltage at the OVSEN pin is
specified by VOVSEN. The duty cycle of the LTC1697 SW pin
will be 0% when the current flowing out of the OVSEN pin
reaches IOVSEN (protect). See the manufacturers trans-
former specifications for transformer voltage ratings.
Thermal Shutdown
This IC includes overtemperature protection that is in-
tended to protect the device during momentary overload
conditions. Junction temperature will exceed 125°C when
overtemperature protection is active. Continuous opera-
tion above the specified maximum operating junction
temperature may result in device degradation or failure.
Shutdown Operation
There are two ways to place the LTC1697 in shutdown. The
SHDN pin can be pulled below VSHDN-1, or the VDIM pin can
be pulled below VDIM(SD-I) for more than approximately
50mS. For normal operation, both pins must be pulled
high. The SHDN pin must be pulled above VSHDN-H, and the
VDIM pin must be pulled above VDIM (SD-H).
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com