Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB3 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # DB3
Description  SILICON BIDIRECTIONAL DIAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

DB3 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  DB3 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD DB3 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
The three layer ,two terminal,axial lead,hermetically sealed
diacs are designed specifically for triggering thyristors.They
demonstrate low breakover current at breakover voltage as
they withstand peak pulse current The breakover symmetry is
within three volts(DB3,DC34,DB4)or four volts(DB6).These
diacs are intended for use in thyrisitors phase control,circuits
for lamp dimming.universal motor speed control,and heat control.
JF S DB3/DC34/DB4/DB6 are bi-directional trigged diode designed
to operate in conjunction with Triacs and SCR s
SILICON BIDIRECTIONAL DIAC
FEATURE
ABSOLUTE RATINGS(LIMITING VALUES)
Dimensions in inches and (millimeters)
1.083(27.5)
MIN
0.150(3.8)
MAX
0.020(0.52)
MAX
DIA
DO-35(GLASS)
1.083(27.5)
MIN
0.079(2.0)
MAX
DIA
Symbols
Parameters
Value
Units
DB3
DC34
DB4
DB6
150
2.0
2.0
2.0
16
mW
A
O C
Pc
ITRM
T
/T
STG
J
Power Dissipation on printed
Circuit(L=10mm)
Repetitive peak on-state
Current
Storage and Operating Junction Temperature
T = 50
A
O C
tp=10 s
F=100Hz
-40 to+125/-40 to 110
ELECTRICAL CHARACTERISTICS
Symbols
Parameters
Value
Units
V
VBO
Breakover Voltage(Note2)
I + V
I-
BO
I - V
I
BO
I +
V I
VO
IBO
tr
IB
Breakover Voltage Symmetry
Dynamic Breakover Voltage(Note 1)
Test Conditions
Output Voltage (Note 1)
Breakwver Current(Note 1)
Rise Time (Note1)
Leakage Current(Note1)
C=22nF(Note2)
See diagram 1
C=22nF(Note2)
See diagram 1
I=(Iso to IF=10mA)
See Diagram 1
See Diagram 2
C=22nF(Note2)
See Diagram 3
VB=0.5V
max
see diagrom1
BO
Min
Typ
Max
28
32
36
30
34
38
35
40
45
56
60
70
Max
Min
Min
Max
Tip
Max
3
5
5
100
1.5
10
4
10
V
V
V
A
S
A
Notes:1.Electrical characteristics applicable in both forward and reverse direclions.
2.Connected in parallel with the devices.
+
_
+
_
DB3-DB6
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB3 DCCOM-DB3 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Hi-Sincerity Mocroelect...
DB3 HSMC-DB3 Datasheet
18Kb / 2P
TRIGGER DIODES
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DB-3 SEMTECH-DB-3 Datasheet
70Kb / 1P
Silicon Bidirectional DIAC
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
LSDB3 MCC-LSDB3 Datasheet
315Kb / 3P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Rugao Dachang Electroni...
DB3 DACHANG-DB3 Datasheet
88Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Gaomi Xinghe Electronic...
DB4 GXELECTRONICS-DB4 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 GXELECTRONICS-DC34 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jing Heng Electro...
DB4 JINGHENG-DB4 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 JINGHENG-DC34 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com