Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78D25 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIA78D25
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D25 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA78D25 Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D25 Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D25 Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D25 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2002. 9. 24
3/4
KIA78D25F~78D15F
Revision No : 3
13
2
A
A
V
0.33
µF
I
R
I
q
L
o
Vo
VIN
47
µF
Fig. 1 Standard Test Circuit
KIA78DXXF
1
3
2
V
0.33
µF
R L
e o
VIN
47
µF
Fig. 1-2 Ripple Rejection Test Circuit
e i
f=120Hz(sine wave)
ei=0.5Vrms
RR=20log(ei/eo)
KIA78DXXF
Specific IC
1
2
3
Co
Vo
IN
V
Fig. 2 Application Circuit for Standard



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com