Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78D25 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA78D25
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D25 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA78D25 Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D25 Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D25 Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D25 Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2002. 9. 24
2/4
KIA78D25F~78D15F
Revision No : 3
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, IO=0.5A, Ta=25 , Note1.)
CHARACTERISTIC
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
KIA78D25
VO
-
2.438
2.50
2.562
V
KIA78D30
-
2.925
3.00
3.075
KIA78D33
-
3.220
3.30
3.380
KIA78D35
-
3.413
3.50
3.587
KIA78D37
-
3.608
3.70
3.792
KIA78D05
-
4.88
5.0
5.12
KIA78D06
-
5.85
6.0
6.15
KIA78D08
-
7.80
8.0
8.2
KIA78D09
-
8.78
9.0
9.22
KIA78D10
-
9.75
10.0
10.25
KIA78D12
-
11.70
12.0
12.30
KIA78D15
-
14.70
15.0
15.30
Load Regulation
Reg Load
IO=5mA 1A
-
0.1
2.0
%
Line Regulation
Reg Line
(Note 2)
-
0.5
2.5
%
Ripple Rejection
R R
45
55
-
dB
Drop Out Voltage
VD
(Note 3)
-
-
0.5
V
Quiescent Current
IQ
IO=0
-
-
10
mA
Note1) VIN of KIA78D25=4.2V
VIN of KIA78D06=8V
Note2) VIN of KIA78D25=3.2 10V
VIN of KIA78D06=7 15V
" KIA78D30=4.7V
" KIA78D08=10V
" KIA78D30=3.7 10V
" KIA78D08=9 25V
" KIA78D33=5.0V
" KIA78D09=15V
" KIA78D33=4.0 10V
" KIA78D09=10 25V
" KIA78D35=5.2V
" KIA78D10=16V
" KIA78D35=4.2 10V
" KIA78D10=11 26V
" KIA78D37=5.4V
" KIA78D12=18V
" KIA78D37=4.4 10V
" KIA78D12=13 29V
" KIA78D05=7V
" KIA78D15=21V
" KIA78D05=6 12V
" KIA78D15=16 32V
Note3) At VIN=0.95VO
BLOCK DIAGRAM
OVER HEAT
PROTECTION
CONTROL
OUTPUT ON/OFF
ASO
PROTECTION
BANDGAP
REFERENCE
-
+
1
3
2
Vo
VIN
GND



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com