Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6362CMS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6362CMS8
Description  LTC6362 DRIVING 18 - BIT SAR ADC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6362CMS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC6362CMS8 Datasheet HTML 1Page - Linear Technology LTC6362CMS8 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
100MHzMax
CLK
3.3Vpp
AIN-
EXT VCM
AIN+
0805
EXT REF
TO CPLD
FROM CPLD
0402
WP
PROG
0402
BUSY
RD
SDO
SCK
CNV
DB17
DB16
REF / SEL
DC590
EXT VOCM
0402
0805
0805
SHDN
PWR ON
REF
GND
2.0
18
LTC2380CMS-16
0.25
-E
*
LTC2376CMS-16
16
18
U8
-H
0.25
-A
16
LTC2376CMS-18
BITS
0.5
-D
LTC2377CMS-18
0.5
MSPS
-G
ASSY
16
LTC2377CMS-16
18
1.0
-C
1.6
LTC2378CMS-18
18
1.0
-F
LTC2378CMS-16
16
-B
6.3V
1206
1206
1. ALL RESISTORS ARE IN OHMS, 0603.
ALL CAPACITORS ARE IN MICROFARADS, 0603.
NOTE: UNLESS OTHERWISE SPECIFIED
2. INSTALL SHUNTS AS SHOWN.
1206
*
LTC2379CMS-18
2
DEMO CIRCUIT1805A - A / H
12
LTC6362 DRIVING 18 - BIT SAR ADC
N/A
LTC6362CMS8
NC
ERJON Q.
10-14-11
SIZE
DATE:
IC NO.
REV.
SHEET
OF
TITLE:
APPROVALS
PCB DES.
APP ENG.
TECHNOLOGY
Fax:(408)434-0507
Milpitas, CA 95035
Phone: (408)432-1900
1630 McCarthy Blvd.
LTC Confidential-For Customer Use Only
CUSTOMER NOTICE
LINEAR TECHNOLOGY HAS MADE A BEST EFFORT TO DESIGN A
CIRCUIT THAT MEETS CUSTOMER-SUPPLIED SPECIFICATIONS;
HOWEVER, IT REMAINS THE CUSTOMER'S RESPONSIBILITY TO
VERIFY PROPER AND RELIABLE OPERATION IN THE ACTUAL
APPLICATION. COMPONENT SUBSTITUTION AND PRINTED
CIRCUIT BOARD LAYOUT MAY SIGNIFICANTLY AFFECT CIRCUIT
PERFORMANCE OR RELIABILITY. CONTACT LINEAR
TECHNOLOGY APPLICATIONS ENGINEERING FOR ASSISTANCE.
THIS CIRCUIT IS PROPRIETARY TO LINEAR TECHNOLOGY AND
SCHEMATIC
SUPPLIED FOR USE WITH LINEAR TECHNOLOGY PARTS.
SCALE = NONE
www.linear.com
ERJON Q.
PRODUCTION FAB
-
2
10-14-11
REVISION HISTORY
DESCRIPTION
DATE
APPROVED
ECO
REV
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB13
DB12
DB11
DB9
DB10
DB14
DB15
CLKOUT
CNVST_33
DB16
DB17
CLK
DC590_DETECT
SCK
SDO
BUSY
RD
SDO
SCK
CNV
CNV
+3.3V
+3.3V
+5V
+3.3V
+2.5V
+3.3V
+3.3V
+3.3V
9V-10V
+3.3V
+3.3V
9V-10V
+5V
R33
4.99k
R5
0
R16
OPT
C29
3900pF
NPO
R3
1k
C33
OPT
E9
J3
BNC
R10
0
R17
1k
C18
0.1uF
U1
NC7SZ04P5X
4
2
R26
1K
JP3
C13
OPT
C28
0.1uF
JP1
VOCM
REF
EXT
R25
OPT
R13
1K
R2
1k
C2
0.1uF
C7
0.1uF
E2
J1
BNC
C21
0.1uF
U4
NL17SZ74
4
6
7
8
GND
CLR
PR
VCC
R14
1K
C3
0.1uF
R20
1k
R9
33
R1
49.9
1206
J4
3201S-40G1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
12
34
56
78
910
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
U2
NC7SVU04P5X
4
2
JP2
EN
C12
4.7uF
C27
3900pF
NPO
C23
OPT
6.3V
R30
1k
U3
LTC6655CHMS8-5
1
2
3
4
5
6
7
8
SHDN
VIN
GND
GND
GND
VOUT_S
VOUT_F
GND
R6
OPT
R18
35.7
R29
0
R22
2k
R23
0
U10
24LC024-I/ST
1
2
3
5
6
7
A0
A1
A2
SDA
SCL
WP
U9
LTC6362CMS8
R21
1k
R11
OPT
R32
4.99k
R15
1K
C20
0.1uF
JP4
C25
OPT
C31
OPT
C26
3900pF
NP0
C4
0.1uF
J2
BNC
R4
33
J5
HD2X7-079-MOLEX
1
2
3
4
5
6
7
8
9
10
11
12
13
14
R8
33
C30
OPT
U7
NC7SZ66P5X
1
2
4
A
B
OE
R7
33
C14
OPT
C5
10uf
R19
0
C15
0.1uF
E1
R31
4.99k
R27
1k
U6
NC7SZ04P5X
4
2
C11
10uF
6.3V
C32
OPT
C6
0.1uF
R24
OPT
C1
0.1uF
U5
NC7SVU04P5X
4
2
C24
0.01uF
C22
1uF
C10
0.1uF
C19
0.1uF
R28
35.7
C9
47uF
6.3V
U8
LTC23XXCMS
9
13
14
11
12
4
5
CNV
SCK
SDO
BUSY
ROL/SDI
IN+
IN-
R12
0
C16
0.1uF
C8
0.1uF
C17
10uF
6.3V


Similar Part No. - LTC6362CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6362 LINER-LTC6362 Datasheet
364Kb / 22P
Precision, Low Power Rail-to-Rail Input/Output
LTC6362 LINER-LTC6362 Datasheet
2Mb / 50P
16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LTC6362 LINER-LTC6362 Datasheet
2Mb / 52P
16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC6362 LINER-LTC6362 Datasheet
1Mb / 50P
18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
logo
Analog Devices
LTC6362 AD-LTC6362 Datasheet
939Kb / 16P
Matched Resistor Network for Precision Amplifiers
More results

Similar Description - LTC6362CMS8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7641 AD-AD7641_15 Datasheet
673Kb / 28P
18-Bit, 2 MSPS SAR ADC
REV. 0
logo
Linear Technology
LTC6360CMS8E LINER-LTC6360CMS8E_15 Datasheet
110Kb / 2P
LTC6360 DRIVING 18 - BIT SAR ADC
logo
Analog Devices
AD7641 AD-AD7641_17 Datasheet
542Kb / 29P
18-Bit, 2 MSPS SAR ADC
14-Apr-2017
logo
Linear Technology
LTC2335 LINER-LTC2335 Datasheet
5Mb / 10P
16-/18-Bit, Octal 1Msps, SAR ADC
LTC2341 LINER-LTC2341 Datasheet
485Kb / 10P
16-/18-Bit, Dual 666ksps, SAR ADC
LTC2344 LINER-LTC2344 Datasheet
833Kb / 10P
16-/18-Bit, Octal 400ksps, SAR ADC
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
16-/18-Bit, Octal 200ksps, SAR ADC
LTC2385-18 LINER-LTC2385-18 Datasheet
1Mb / 22P
18-Bit, 5Msps SAR ADC
LTC2386-18 LINER-LTC2386-18 Datasheet
1Mb / 22P
18-Bit, 10Msps SAR ADC
LTC2387-18 LINER-LTC2387-18 Datasheet
1Mb / 24P
18-Bit, 15Msps SAR ADC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com