Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6362CMS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6362CMS8
Description  LTC6362 DRIVING 18 - BIT SAR ADC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6362CMS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC6362CMS8 Datasheet HTML 1Page - Linear Technology LTC6362CMS8 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
+1.8 V
CNTRL
POWER
VCCIO
GND
9V-10V
0402 X 8 PLCS
0402 X 3 PLCS
0402
+3.3 V
+2.5 V
+5 V
IO21
IO38
IO56
IO68
IO86
JTAG
+3.3V
+2.5V
0402
2
DEMO CIRCUIT 1805A - A / H
22
LTC6362 DRIVING 18 - BIT SAR ADC
N/A
LTC6362CMS8
NC
ERJON Q.
10-14-11
SIZE
DATE:
IC NO.
REV.
SHEET
OF
TITLE:
APPROVALS
PCB DES.
APP ENG.
TECHNOLOGY
Fax: (408)434-0507
Milpitas, CA 95035
Phone: (408)432-1900
1630 McCarthy Blvd.
LTC Confidential-For Customer Use Only
CUSTOMER NOTICE
LINEAR TECHNOLOGY HAS MADE A BEST EFFORT TO DESIGN A
CIRCUIT THAT MEETS CUSTOMER-SUPPLIED SPECIFICATIONS;
HOWEVER, IT REMAINS THE CUSTOMER'S RESPONSIBILITY TO
VERIFY PROPER AND RELIABLE OPERATION IN THE ACTUAL
APPLICATION. COMPONENT SUBSTITUTION AND PRINTED
CIRCUIT BOARD LAYOUT MAY SIGNIFICANTLY AFFECT CIRCUIT
PERFORMANCE OR RELIABILITY. CONTACT LINEAR
TECHNOLOGY APPLICATIONS ENGINEERING FOR ASSISTANCE.
THIS CIRCUIT IS PROPRIETARY TO LINEAR TECHNOLOGY AND
SCHEMATIC
SUPPLIED FOR USE WITH LINEAR TECHNOLOGY PARTS.
SCALE = NONE
www.linear.com
SCK
DB4
BUSY
DB8
DB2
DB14
DB11
DB16
DB9
DB1
DB3
DB10
DB17
CLK
DB6
CNVST_33
DC590_DETECT
DB13
SDO
DB7
DB12
CLKOUT
DB0
DB15
DB5
RD
SCK
+3.3V
+1.8V
9V-10V
9V-10V
9V-10V
+3.3V
+1.8V
+2.5V
+3.3V
9V-10V
+3.3V
+5V
C37
10uF
6.3V
E6
C47
0.1uF
R42
1.69k
U14
LT1763CS8-2.5
1
2
4
5
8
OUT
SEN
BYP
SHDN
IN
C49
0.1uF
C34
22uF
1210
16V
U13F
EPM240T
13
63
9
31
94
45
59
80
10
11
32
46
60
93
65
79
VCCINT
VCCINT
VCCIO1
VCCIO1
VCCIO2
VCCIO1
VCCIO2
VCCIO2
GND
GND
GND
GND
GND
GND
GND
GND
C41
1uF
16V
C42
0.01uF
U12
LT1763CS8
1
2
4
5
8
OUT
SEN
BYP
SHDN
IN
C53
0.1uF
C43
10uF
6.3V
U11
LT1763CS8-1.8
1
2
4
5
8
OUT
SEN
BYP
SHDN
IN
C45
0.01uF
R44
33
R36
1K
E4
U13E
EPM240T
12
14
62
64
43
44
22
23
24
25
GCLK0
GCLK1
GCLK2
GCLK3
DEV_OE
DEV_CLRN
TMS
TDI
TCK
TDO
E8
C46
10uF
6.3V
U13D
EPM240T
76
77
78
81
82
83
84
85
86
87
88
89
90
91
92
95
96
97
98
99
100
IO76
IO77
IO78
IO81
IO82
IO83
IO84
IO85
IO86
IO87
IO88
IO89
IO90
IO91
IO92
IO95
IO96
IO97
IO98
IO99
IO100
R34
10k
0402
C52
0.1uF
U13C
EPM240T
51
52
53
54
55
56
57
58
61
66
67
68
69
70
71
72
73
74
75
IO51
IO52
IO53
IO54
IO55
IO56
IO57
IO58
IO61
IO66
IO67
IO68
IO69
IO70
IO71
IO72
IO73
IO74
IO75
R37
1K
C39
0.01uF
JP5
R41
2.80k
C38
1uF
16V
U13B
EPM240T
26
27
28
29
30
33
34
35
36
37
38
39
40
41
42
47
48
49
50
IO26
IO27
IO28
IO29
IO30
IO33
IO34
IO35
IO36
IO37
IO38
IO39
IO40
IO41
IO42
IO47
IO48
IO49
IO50
R43
1.54k
U15
LT1763CS8-5
1
2
4
5
8
OUT
SEN
BYP
SHDN
IN
C40
10uF
6.3V
E3
J6
JP2X5/100
1
2
3
5
6
4
7
8
10
9
C51
0.1uF
C35
1uF
16V
R38
1K
E5
C54
0.1uF
R40
1k
C48
0.1uF
C36
0.01uF
C44
1uF
16V
U13A
EPM240T
1
2
3
4
5
6
7
8
15
16
17
18
19
20
21
IO1
IO2
IO3
IO4
IO5
IO6
IO7
IO8
IO15
IO16
IO17
IO18
IO19
IO20
IO21
R35
300
OPT
R39
10k
E7
C50
0.1uF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com