Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA79M15PI Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIA79M15PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA79M15PI Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA79M15PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA79M15PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA79M15PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA79M15PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA79M15PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA79M15PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA79M15PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA79M15PI Datasheet HTML 8Page - KEC(Korea Electronics) KIA79M15PI Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2002. 9. 24
3/9
KIA79M05F/PI/T~79M15F/PI/T
Revision No : 2
ELECTRICAL CHARACTERISTICS
KIA79M05F/PI/T
(unless otherwise specified : VIN=-10V, IOUT=350mA, CIN=0.33μ
μ
F, COUT=1μ
μ
F)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VO
Tj=25
℃
-4.8
-5.0
-5.2
V
5mA
≦I
O≦350mA,
-7V
≦V
IN≦-25V
-4.75
-5.0
-5.25
Line Regulation
VReg Line
-7V
≦V
IN≦-25V, Tj=25℃
-
7
50
mV
-8V
≦V
IN≦-18V, Tj=25℃
-2
30
Load Regulation
VReg Load
5mA
≦I
O≦500mA, Tj=25℃
-
30
100
mV
Quiescent Current
IB
Tj=25
℃
-4
6
mA
Quiescent Current Change
ΔI
B
5mA
≦I
O≦350mA
-
-
0.4
mA
-8V
≦V
IN≦-25V
-
-
0.4
mA
Output Noise Voltage
VNO
f=10Hz
~100kHz, Tj=25℃
-40-
μV
Ripple Rejection
R
・R
f=120Hz, -8V
≦V
IN≦-18V
55
60
-
dB
Dropout Voltage
VD
IO=500mA, Tj=25℃
-
1.1
-
V
Short Circuit Current
ISC
Tj=25
℃
-
800
-
mA
Output Voltage Drift
ΔV
O/ΔTIO=5mA, Tj=0~125℃
-
-0.5
-
mV/
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com