Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA79M15PI Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA79M15PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA79M15PI Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA79M15PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA79M15PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA79M15PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA79M15PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA79M15PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA79M15PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA79M15PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA79M15PI Datasheet HTML 8Page - KEC(Korea Electronics) KIA79M15PI Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2002. 9. 24
1/9
Revision No : 2
THREE TERMINAL NEGATIVE
VOLTAGE REGULATORS -5V, -8V, -12V, -15V.
KIA79M
×× Series of three-terminal regulators is available with
fixed output voltages of -5V, -8V, -12V, and -15V.
These devices need only one external component-a compensation
capacitor at the output. The KIA79M
×× series is capable of
supplying 0.5A of output current. These regulators employ internal
current limiting, safe area protection, and thermal shutdown for
protection against virtually all overload conditions.
Low ground pin current of the KIA79M
×× series allows output
voltage to be easily boosted above the preset value with a resistor
divider. The low quiescent current of these devices with a specified
maximum change with line and load ensures good regulation in the
voltage boosted mode.
FEATURES
・Thermal, Short Circuit and Safe Area Protection.
・High Ripple Rejection.
・0.5A Output Current
・4% Tolerance on Preset Output Voltage.
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60
0.2
6.10
0.2
5.0
0.2
1.10
0.2
2.70
0.2
2.30
0.1
1.00 MAX
2.30
0.2
0.50
0.1
2.00
0.20
0.50
0.10
E
0.91
0.10
M
0.90
0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. GND
2. INPUT
3. OUTPUT
1.00
0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
MAXIMUM RATINGS (Ta=25
℃
℃)
SEMICONDUCTOR
TECHNICAL DATA
KIA79M05F/PI/T~
79M15F/PI/T
BIPOLAR LINEAR INTEGRATED CIRCUIT
DIM
MILLIMETERS
1. GND
2. INPUT
3. OUTPUT
TO-220IS
10.30 MAX
15.30 MAX
2.70
0.30
0.85 MAX
F3.20
0.20
3.00
0.30
A
B
C
D
E
F
G
12.30 MAX
0.75 MAX
H
13.60
0.50
3.90 MAX
1.20
1.30
2.54
4.50
0.20
6.80
2.60
0.20
10
J
K
L
M
N
O
P
Q
R
1
2
3
L
N
M
D
N
T
T
H
E
R
T
V
S
L
U
T
S
0.5
5
25
2.60
0.15
V
U
D
A
C
TO-126
H
J
MILLIMETERS
C
E
F
G
D
A
B
DIM
A
C
E
F
G
H
J
K
M
O
P
N
L
D
1. GND
2. INPUT
3. OUTPUT
K
L
M
N
O
P
8.3 MAX
5.8
0.7
Φ3.1 0.1
3.5
11.0
0.3
2.9 MAX
1.0 MAX
1.9 MAX
0.75
0.15
14.0 MIN
2.3
0.1
0.75
0.15
1.6
3.4 MAX
B
1
23
+
_
+
_
+
_
+
_
+
_
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
KIA79M05F/PI/T
-5
F : DPAK
PI : TO-220IS
T : TO-126
KIA79M08F/PI/T
-8
KIA79M12F/PI/T
-12
KIA79M15F/PI/T
-15
LINE-UP
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
VIN
-35
V
Power Dissipation-1
(No Heatsink)
F
PD1
1.3
W
PI
2
T
1.5
Power Dissipation-2
(Infinite Heatsink)
F
PD2
12
PI
20.8
T
15
Operating Junction Temperature
Tj
-40
~150
℃
Storage Temperature
Tstg
-55
~150
℃
Soldering Temperature (10 seconds)
Tsol
260
℃


Similar Part No. - KIA79M15PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA79M15PI KEC-KIA79M15PI Datasheet
182Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
More results

Similar Description - KIA79M15PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78L05BP KEC-KIA78L05BP Datasheet
350Kb / 16P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78L05F KEC-KIA78L05F Datasheet
346Kb / 16P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78M05F KEC-KIA78M05F Datasheet
422Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATOR)
KIA78M05P KEC-KIA78M05P Datasheet
170Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78M05T KEC-KIA78M05T Datasheet
422Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA78S05P KEC-KIA78S05P Datasheet
345Kb / 16P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA79M05F KEC-KIA79M05F Datasheet
444Kb / 9P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL POSITIVE VOLTAGE REGULATORS)
KIA79M05P KEC-KIA79M05P Datasheet
182Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
KIA79M05T KEC-KIA79M05T Datasheet
444Kb / 9P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
KIA79S05P KEC-KIA79S05P Datasheet
242Kb / 12P
BIPOLAR LINEAR INTEGRATED CIRCUIT (THREE TERMINAL NEGATIVE VOLTAGE REGULATORS)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com