Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4324 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4324
Description  STC3115 system integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4324 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4324 Datasheet HTML 9Page - STMicroelectronics AN4324 Datasheet HTML 10Page - STMicroelectronics AN4324 Datasheet HTML 11Page - STMicroelectronics AN4324 Datasheet HTML 12Page - STMicroelectronics AN4324 Datasheet HTML 13Page - STMicroelectronics AN4324 Datasheet HTML 14Page - STMicroelectronics AN4324 Datasheet HTML 15Page - STMicroelectronics AN4324 Datasheet HTML 16Page - STMicroelectronics AN4324 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
AN4324
Schematic guidelines
DocID024963 Rev 2.0
13/31
Figure 5: STC3115 application integration if charger provides a reference voltage
1.
Typical R2 value = 1 kΩ, Ru = 1 MΩ
The application can be connected to the STC3115 BatD pin even if it has no charger or the
application charger does not manage the battery security pin. In this configuration, the
BatD feature improves battery presence detection.
Figure 6: STC3115 application integration if charger does not use the third battery pin
1.
Typical R2 value = 1 kΩ, Ru = 1 MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com