Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4324 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4324
Description  STC3115 system integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4324 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4324 Datasheet HTML 19Page - STMicroelectronics AN4324 Datasheet HTML 20Page - STMicroelectronics AN4324 Datasheet HTML 21Page - STMicroelectronics AN4324 Datasheet HTML 22Page - STMicroelectronics AN4324 Datasheet HTML 23Page - STMicroelectronics AN4324 Datasheet HTML 24Page - STMicroelectronics AN4324 Datasheet HTML 25Page - STMicroelectronics AN4324 Datasheet HTML 26Page - STMicroelectronics AN4324 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
AN4324
Software
DocID024963 Rev 2.0
23/31
3.
From this point, the battery model characteristics and application threshold are
initialized and battery tracking can start. To define the battery starting point, write back
the OCV value into the REG_OCV register (16 bits) using the variable content. From
this operation, the first battery SOC is available in the REG_SOC register 100 ms
later. At this point, the provided SOC is based on the fine-tuned OCV curve defined in
Table 3 plus the initial OCV curve described in Table 2.
STC3115 restoration steps
In this case, some registers can be initialized with the recorded RAM data using the
improved battery model from the last running period. Other registers have to be initialized
with default values.
1.
Read the RAM memory. In this case, the last recorded state-of-charge (SOC) reflects
the initial battery SOC. Read it and save it as a temporary variable.
2.
Set the STC3115 parameters (ensuring first that the GG_RUN bit is set to 0). The
REG_OCVTAB registers have to be filled with their previously calculated values. The
REG_CC_CNF and REG_VM_CNF registers have to be initialized using RAM
information that can be different and more accurate regarding battery aging. Then,
configure
the
application
parameters
by
setting
the
REG_ALARM_SOC,
REG_ALARM_VOLTAGE,
REG_CURRENT_THRES,
REG_RELAX_MAX,
REG_ALARM_SOC, and REG_ALARM_VOLTAGE registers as required by the
application to provide an HW interruption signal on the ALM pin when one of the
measurements
is
detected
as
being
below
the
defined
threshold.
The
REG_CURRENT_THRES and REG_RELAX_MAX registers are used to configure the
internal behavior of the STC3115. Default values are enough to provide good
accuracy.
3.
Write the REG_SOC register. From this point, the battery model characteristics and
application threshold are initialized and battery tracking can start. To define the battery
starting point, write back the SOC value (read previously in the RAM) into the
REG_SOC register (16 bits). From this operation, the first battery SOC is available in
the REG_SOC register without delay. To start battery monitoring, set the GG_RUN bit,
as well as the VMODE bit if the power saving mode is selected (refer to Section 6.3).
Figure 16 summarizes the initialization steps and Figure 17 summarizes the initialization
and restoration flowcharts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com