Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4354 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4354
Description  This document describes the operation of the gate driving circuitry which
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4354 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4354 Datasheet HTML 5Page - STMicroelectronics AN4354 Datasheet HTML 6Page - STMicroelectronics AN4354 Datasheet HTML 7Page - STMicroelectronics AN4354 Datasheet HTML 8Page - STMicroelectronics AN4354 Datasheet HTML 9Page - STMicroelectronics AN4354 Datasheet HTML 10Page - STMicroelectronics AN4354 Datasheet HTML 11Page - STMicroelectronics AN4354 Datasheet HTML 12Page - STMicroelectronics AN4354 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DocID025239 Rev 2
9/14
AN4354
Gate drivers setup
14
2
Gate drivers setup
2.1
Gate current (IGATE), controlled current time (TCC) and turn-
off boost time (TBOOST)
The gate current and the controlled current time define the charge which is forced into the
MOSFET gate through the following formula:
Qgate = Igate × tcc
This value should be greater than the total gate charge (Qg) of the MOSFET when the gate-
source voltage is equal to VCC. The relation between the total gate charge and the gate
voltage is usually reported on the MOSFET datasheet as a graph.
Keeping constant the total gate charge, the switching time of the MOSFET is adjusted
through the tcc parameter (see Figure 8). Higher gate current values allow shorter switching
time reducing the power dissipation of the output stage. In this case the EMI can be
significant. Reducing the gate current the power dissipation is increased due the longer
switching time, but the EMI are lower.
Figure 8. Gate current vs. controlled current time
The boost time (tboost) can be used to shorten the time needed to reach the plateau region.
This way the commutation is faster, but the output slew rate is still controlled by the
programmed gate current. The maximum duration of the boost time is determined by the
Qgs and the Qgd (see Figure 9): the charge sunk by the gate driver during the boost time
(tboost × Iboost) must be lower than the charge required reaching the plateau region
(Qg - Qgd - Qgs). Their value depends on the maximum load current and supply voltage of
the output stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com